Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10MV1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 10MV1
Description  Multi-purpose Medical Filter for Power Line Noise Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

10MV1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  10MV1 Datasheet HTML 1Page - TE Connectivity Ltd 10MV1 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
54
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Multi-purpose Medical Filter for Power Line Noise Protection
MV Series
MV Series
Maximum leakage current each Line to Ground:
@ 120 VAC 60 Hz:
.07 mA
@250 VAC 50 Hz:
.13 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
3 to 20A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Multi-purpose medical filter
• Improved Line to Ground performance
• A good solution to emission or immunity problems
• Meets leakage current requirements of UL2601 for
health care equipment
Ordering Information
6 MV 1
Input / Output Style
1 – .250 [6.3] spade terminals
MV Series
Current Rating
3, 6, 10 or 20A
Specifications
UL Recognized
CSA Certified
VDE Approved
Available Part Numbers
3MV1
6MV1
10MV1
20MV1
Electrical Schematic
LINE
LOAD


Similar Part No. - 10MV1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
10MV1 MACOM-10MV1 Datasheet
399Kb / 2P
   Multi-purpose Medical Filter for Power Line Noise Protection with Limited Leakage Current
10MV1 MACOM-10MV1 Datasheet
160Kb / 2P
   Multi-purpose Medical Filter for Power Line Noise Protection
More results

Similar Description - 10MV1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3MV1 MACOM-3MV1_11 Datasheet
160Kb / 2P
   Multi-purpose Medical Filter for Power Line Noise Protection
3MV1 MACOM-3MV1 Datasheet
399Kb / 2P
   Multi-purpose Medical Filter for Power Line Noise Protection with Limited Leakage Current
3EH1 MACOM-3EH1 Datasheet
271Kb / 3P
   Power Inlet Line Filter for Medical Equipment
3EHZ1 MACOM-3EHZ1 Datasheet
272Kb / 2P
   High Performance Power Line Filter for Medical Applications
3EHZ1 MACOM-3EHZ1_11 Datasheet
312Kb / 3P
   High Performance Power Line Filter for Medical Applications
logo
TE Connectivity Ltd
3EHZ1 TEC-3EHZ1 Datasheet
312Kb / 3P
   High Performance Power Line Filter for Medical Applications
logo
Delta Electronics, Inc.
20DVGG5 DELTA-20DVGG5 Datasheet
384Kb / 2P
   MULTI-PURPOSE POWER LINE FILTERS
logo
Tyco Electronics
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
logo
TDK Electronics
MPZ1005A151ET000 TDK-MPZ1005A151ET000 Datasheet
127Kb / 10P
   For power line GHz noise countermeasure
logo
Union Semiconductor, In...
UM4701 UNIONSEMI-UM4701_16 Datasheet
346Kb / 11P
   Multi-line ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com