Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE22C Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P6KE22C
Description  600W Peak Pulse Power Dissipation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P6KE22C Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  P6KE22C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P6KE22C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P6KE22C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P6KE22C Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd P6KE22C Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
P6KE6.8—P6KE440CA
GLASS PASSIVATED JUNCTION TRANSIENT
VOLTAGE SUPPRESSOR
Features
Glass Passivated Die Construction
600W Peak Pulse Power Dissipation
Uni-directional Versions Available
Excellent Clamping Capability
DO-15
Fast Response Time < 1 ns
Applications
Communication Systems
Power Supplies
Medical Equipment
Business Machines
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Peak Power Dissipation (Note 1.) @TL = 25°C, Pulse Width = 1 ms
PPK
600
W
Forward Surge Current (Note 2.) @TA = 25°C
IFSM
100
A
Power Dissipation On Infinite Heatsink, @TA = 50°C
PM(AV)
5.0
W
Thermal Resistance Junction To Ambient Air (Note 3.)
RθJA
100
°C/W
Thermal Resistance Junction To Leads
RθJL
20
°C/W
Storage Temperature Range
TSTG
-55 to 150
°C
Operating Junction Temperature Range
TJ
-55 to 150
°C
DIMENSIONS
Millimeters
Inches
REF.
Min.
Max.
Min.
Max.
A
25.4
31
1.000
1.220
b
5.84
7.62
0.230
0.300
c
0.71
0.86
0.028
0.034
D
2.64
3.56
0.104
0.140
1.
10 X 1000 us, non–repetitive
2.
1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum
3.
Mounted on minimum recommended pad layout
WWW.SEMITECH.CN


Similar Part No. - P6KE22C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE22C PANJIT-P6KE22C Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Socay Electornics Co., ...
P6KE22C SOCAY-P6KE22C Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Surge Components
P6KE22C SURGE-P6KE22C Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
New Jersey Semi-Conduct...
P6KE22C NJSEMI-P6KE22C Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Transys Electronics
P6KE22C TRSYS-P6KE22C Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE22C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ12A-13 DIODES-SMAJ12A-13 Datasheet
146Kb / 5P
   400W Peak Pulse Power Dissipation
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
logo
EIC discrete Semiconduc...
HZK6A1L EIC-HZK6A1L Datasheet
141Kb / 3P
   High peak reverse power dissipation
logo
New Jersey Semi-Conduct...
1N6036 NJSEMI-1N6036 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
logo
Mean Well Enterprises C...
HRP-600N3 MEANWELL-HRP-600N3 Datasheet
727Kb / 6P
   600W Ultra-High Peak Power Supply
2022-03-03
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
   5000W Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com