Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M51995AP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M51995AP
Description  SWITCHING REGULATOR CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M51995AP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M51995AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M51995AP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SWITCHING REGULATOR CONTROL
M51995AP/FP
MITSUBISHI (Dig./Ana. INTERFACE)
(
/ 27 )
Maximum ON duty
Upper limit voltage of oscillation waveform
Oscillating frequency
Voltage difference between upper limit and
lower limit of OSC waveform
OSC frequency in CLM
operating state
Duty in CLM operating state
VF voltage at timer operating start
VF terminal input current
Output low voltage
Output high voltage
Output voltage rise time
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
ELECTRICAL CHARACTERISTICS (VCC=18V,Ta=25˚C, unless otherwise noted)(CONTINUE)
Block
fOSC
TDUTY
VOSCH
VOSCL
∆VOSC
µA
V
V
V
ns
ns
Output voltage fall time
4
Lower limit voltage of oscillation waveform
No load
No load
170
188
207
47.0
50.0
53.0
3.97
4.37
4.77
1.76
1.96
2.16
2.11
2.41
2.71
170
188
207
108
124
143
11.0
13.7
22.0
2.7
3.0
3.3
2
6
0.05
0.4
0.7
1.4
0.69
1.0
1.3
2.0
16.0
16.5
15.5
16.0
50
35
V
V
V
V
kHz
%
kHz
V
V
V
fOSCVF
TVFDUTY
VTHTIME
IVF
VOL1
VOL2
VOL3
VOL4
VOH1
VOH2
TRISE
TFALL
VF=5V
VF=2V
VF=0.2V
RON=20k
Ω,ROFF=17kΩ
CF=220pF,-5
≤Ta≤85°C
fOSC=188kHz
fOSC=188kHz
fOSC=188kHz
RON=20k
Ω,ROFF=17kΩ
CF=220pF
Min off duty/Max on duty
Source current
Vcc=18V,Io=10mA
Vcc=18V,Io=100mA
Vcc=5V,Io=1mA
Vcc=5V,Io=100mA
Vcc=18V,Io=-10mA
Vcc=18V,Io=-100mA


Similar Part No. - M51995AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51995AP RENESAS-M51995AP Datasheet
11Mb / 28P
   SWITCHING REGULATOR CONTROL
More results

Similar Description - M51995AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51978P MITSUBISHI-M51978P Datasheet
1Mb / 24P
   SWITCHING REGULATOR CONTROL
M51997P MITSUBISHI-M51997P Datasheet
922Kb / 22P
   SWITCHING REGULATOR CONTROL?
logo
Renesas Technology Corp
M51996AP RENESAS-M51996AP Datasheet
398Kb / 36P
   Switching Regulator Control
logo
Mitsubishi Electric Sem...
M51996AP MITSUBISHI-M51996AP Datasheet
366Kb / 22P
   SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995AFP-CF0J RENESAS-M51995AFP-CF0J Datasheet
457Kb / 43P
   Switching Regulator Control
M51998P RENESAS-M51998P Datasheet
1Mb / 5P
   SWITCHING REGULATOR CONTROL
logo
Mitsubishi Electric Sem...
M5T494 MITSUBISHI-M5T494 Datasheet
294Kb / 5P
   SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995 RENESAS-M51995 Datasheet
11Mb / 28P
   SWITCHING REGULATOR CONTROL
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com