Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA13CA Datasheet(PDF) 5 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SA13CA
Description  Uni-directional Versions Available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SA13CA Datasheet(HTML) 5 Page - Shanghai Semitech Semiconductor Co., Ltd

  SA13CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SA13CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SA13CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SA13CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SA13CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SA13CA Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SA5.0A---SA440CA
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 50A
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SA400A
SA400CA
400
444
491
1.0
645
0.79
3.0
SA440
SA440C
440
489
598
1.0
786
0.65
3.0
SA440A
SA440CA
440
489
540
1.0
710
0.71
3.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


Similar Part No. - SA13CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA13CA PANJIT-SA13CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Littelfuse
SA13CA LITTELFUSE-SA13CA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
logo
Chongqing Pingwei Enter...
SA13CA CHONGQING-SA13CA Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA13CA WTE-SA13CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA13CA LUGUANG-SA13CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
More results

Similar Description - SA13CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
3KP5.0A SEMITECH-3KP5.0A Datasheet
270Kb / 5P
   Uni-directional Versions Available
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
   PCB versions available
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
   RoHS versions available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
IK Semicon Co., Ltd
ILX75176 IKSEMICON-ILX75176 Datasheet
474Kb / 8P
   Half-Duplex Versions Available
logo
JFW Industries, Inc.
50FHLB-XXX-100 JFW-50FHLB-XXX-100 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
50HF-XXX-100-6 JFW-50HF-XXX-100-6 Datasheet
28Kb / 1P
   FIXED ATTENUATOR UNI-DIRECTIONAL
50FHIQ-XXX-1000 JFW-50FHIQ-XXX-1000 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
logo
SeCoS Halbleitertechnol...
SD36 SECOS-SD36_17 Datasheet
300Kb / 2P
   TVS Protection (Uni-Directional)
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com