Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE33 Datasheet(PDF) 4 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P6KE33
Description  600W Peak Pulse Power Dissipation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P6KE33 Datasheet(HTML) 4 Page - Shanghai Semitech Semiconductor Co., Ltd

  P6KE33 Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P6KE33 Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P6KE33 Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P6KE33 Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd P6KE33 Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P6KE6.8—P6KE440CA
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6KE200
P6KE200C
162
180
220
1.0
287
2.1
5.0
P6KE200A
P6KE200CA
171
190
210
1.0
274
2.2
5.0
P6KE220
P6KE220C
175
198
242
1.0
344
1.7
5.0
P6KE220A
P6KE220CA
185
209
231
1.0
328
1.8
5.0
P6KE250
P6KE250C
202
225
275
1.0
360
1.7
5.0
P6KE250A
P6KE250CA
214
237
263
1.0
344
1.7
5.0
P6KE300
P6KE300C
243
270
330
1.0
430
1.4
5.0
P6KE300A
P6KE300CA
256
285
315
1.0
414
1.4
5.0
P6KE350
P6KE350C
284
315
385
1.0
504
1.2
5.0
P6KE350A
P6KE350CA
300
333
368
1.0
482
1.2
5.0
P6KE400
P6KE400C
324
360
440
1.0
574
1.0
5.0
P6KE400A
P6KE400CA
342
380
420
1.0
548
1.1
5.0
P6KE440
P6KE440C
356
396
484
1.0
631
0.95
5.0
P6KE440A
P6KE440CA
376
418
462
1.0
602
1.0
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
4. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which
should be equal to or greater than the DC or continuous peak operating voltage level.
5. VBR measured at pulse test current IT at an ambient temperature of 25°C.
6. Surge current waveform per Figure 1 and derate per Figure 3.
WWW.SEMITECH.CN


Similar Part No. - P6KE33

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE33 PANJIT-P6KE33 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE33 ZSELEC-P6KE33 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
P6KE33 MCC-P6KE33 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Vishay Siliconix
P6KE33 VISHAY-P6KE33 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Microsemi Corporation
P6KE33 MICROSEMI-P6KE33 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - P6KE33

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ12A-13 DIODES-SMAJ12A-13 Datasheet
146Kb / 5P
   400W Peak Pulse Power Dissipation
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
logo
EIC discrete Semiconduc...
HZK6A1L EIC-HZK6A1L Datasheet
141Kb / 3P
   High peak reverse power dissipation
logo
New Jersey Semi-Conduct...
1N6036 NJSEMI-1N6036 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
logo
Mean Well Enterprises C...
HRP-600N3 MEANWELL-HRP-600N3 Datasheet
727Kb / 6P
   600W Ultra-High Peak Power Supply
2022-03-03
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
   5000W Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com