Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1752A-20-BB-SC-10 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1752A-20-BB-SC-10
Description  DOCSIS 3.1 compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1752A-20-BB-SC-10 Datasheet(HTML) 1 Page - Emcore Corporation

  1752A-20-BB-SC-10 Datasheet HTML 1Page - Emcore Corporation 1752A-20-BB-SC-10 Datasheet HTML 2Page - Emcore Corporation 1752A-20-BB-SC-10 Datasheet HTML 3Page - Emcore Corporation 1752A-20-BB-SC-10 Datasheet HTML 4Page - Emcore Corporation 1752A-20-BB-SC-10 Datasheet HTML 5Page - Emcore Corporation 1752A-20-BB-SC-10 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET | FEBRUARY 2016
FIBER OPTICS
| REV 2016.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
Node Capability
Narrow Transmitter Housing
Networks with Limited Fiber
Architectures Using Separate Optical
Wavelengths to Carry Targeted Services
Features
DOCSIS 3.1 compliant
1.2 GHz Bandwidth
Standard ITU Grid Wavelengths
Advanced Analog Chip Design
Reduces Equipment Requirements in
the Hub
Telecordia Technologies® 468 Compliant
Wide Temperature Range – Stable Even
in Harsh Environments
The 1752A is a Dense Wavelength-Division Multiplexing (DWDM) laser module that
is fully DOCSIS 3.1 compliant and can support operational bandwidth of up to 1.2
GHz. The 1752 laser platform has been designed specifically for CATV applications
with a wide operating temperature range for reliable performance in harsh node
environments and narrow linewidth transmitter designs. The 1752A DOCSIS 3.1
DWDM DFB laser module features low adiabatic chirp to maximize signal quality in
short and long lengths of fiber. The laser’s excellent inherent linearity minimizes
degradation of the broadcast signals caused by Quadrature Amplitude Modulated
(QAM) channels. The versatile 1752A laser module reduces cable network
architecture fiber needs and lessens equipment requirements in the hub.
The 1752A is available in a wide range of ITU grid wavelengths with industrial
temperature performance.
Performance Highlights
Parameters
Min
Typical
Max
Units
Available Wavelengths (ITU Grid)
1526
-
1563
nm
Optical Output Power (multiple versions)
6-10
-
-
mW
Temperature Case Temperature Range
-40
-
+85
C
Frequency Range:
40 MHz
-
1.2
GHz
Composite Second Order
-
-
-38
dBc
Composite Triple Beat
-
-
-60
dBc
Adiabatic Chirp (measured at 500 MHz)
40
-
100
MHz/mA
1752A 1550 nm DOCSIS 3.1 DWDM DFB Laser Module


Similar Part No. - 1752A-20-BB-SC-10

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1752A BELDEN-1752A Datasheet
178Kb / 3P
   Category 5e Patch Cable, 4 Bonded-Pairs, U/UTP, CM
2022 Belden, Inc
1752A0021000 BELDEN-1752A0021000 Datasheet
178Kb / 3P
   Category 5e Patch Cable, 4 Bonded-Pairs, U/UTP, CM
2022 Belden, Inc
1752A002U1000 BELDEN-1752A002U1000 Datasheet
178Kb / 3P
   Category 5e Patch Cable, 4 Bonded-Pairs, U/UTP, CM
2022 Belden, Inc
1752A0031000 BELDEN-1752A0031000 Datasheet
178Kb / 3P
   Category 5e Patch Cable, 4 Bonded-Pairs, U/UTP, CM
2022 Belden, Inc
1752A003U1000 BELDEN-1752A003U1000 Datasheet
178Kb / 3P
   Category 5e Patch Cable, 4 Bonded-Pairs, U/UTP, CM
2022 Belden, Inc
More results

Similar Description - 1752A-20-BB-SC-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1616X-WWW-YY-ZZ EMCORE-1616X-WWW-YY-ZZ Datasheet
630Kb / 6P
   DOCSIS 3.1 Compliant
logo
NXP Semiconductors
BGA3131 NXP-BGA3131 Datasheet
544Kb / 26P
   DOCSIS 3.1 upstream amplifier
Rev. 1-13 May 2016
logo
M/A-COM Technology Solu...
MABA-011056 MA-COM-MABA-011056 Datasheet
760Kb / 5P
   Suitable for DOCSIS 3.1
logo
Maxim Integrated Produc...
MAX3522B MAXIM-MAX3522B Datasheet
681Kb / 15P
   DOCSIS 3.1 Programmable-Gain Amplifier
19-100012; Rev 0; 6/17
MAX3523 MAXIM-MAX3523 Datasheet
481Kb / 12P
   Low-Power DOCSIS 3.1 Programmable-Gain Amplifier
Rev 0; 6/18
logo
Analog Devices
ADCA3270 AD-ADCA3270 Datasheet
410Kb / 14P
   DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
ADCA3952 AD-ADCA3952 Datasheet
335Kb / 12P
   DOCSIS 3.1, Power Doubler Hybrid Module, 45 MHz to 1218 MHz
ADCA3950 AD-ADCA3950 Datasheet
257Kb / 11P
   DOCSIS 3.1 Power Doubler Hybrid Module, 45 MHz to 1218 MHz
logo
NXP Semiconductors
BGA3031 NXP-BGA3031 Datasheet
228Kb / 19P
   DOCSIS 3.0 upstream amplifier
Rev. 1-15 August 2013
logo
Filtronic Compound Semi...
ST-261 FILTRONIC-ST-261 Datasheet
415Kb / 1P
   Portable DOCSIS Protocol Analyzer for DOCSIS Problem Solving in HFC Networks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com