Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1782A-NM-040-01FC-PM Datasheet(PDF) 5 Page - Emcore Corporation

Part # 1782A-NM-040-01FC-PM
Description  Monitor Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1782A-NM-040-01FC-PM Datasheet(HTML) 5 Page - Emcore Corporation

  1782A-NM-040-01FC-PM Datasheet HTML 1Page - Emcore Corporation 1782A-NM-040-01FC-PM Datasheet HTML 2Page - Emcore Corporation 1782A-NM-040-01FC-PM Datasheet HTML 3Page - Emcore Corporation 1782A-NM-040-01FC-PM Datasheet HTML 4Page - Emcore Corporation 1782A-NM-040-01FC-PM Datasheet HTML 5Page - Emcore Corporation 1782A-NM-040-01FC-PM Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATASHEET | MAY 2014
FIBER OPTICS
| REV 2014.05
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Laser Safety
This product complies with 21 CFR 1040.10 and 1040.11 except for deviations pursuant to Laser Notice No. 50, dated June
24, 2007.
All Versions of this laser are Class 1M laser product, tested according to IEC 60825-1:2007/EN 60825-1:2007
Single-mode fiber pigtail with FC/APC connectors (standard).
Wavelength = 1.5
μm.
Maximum power = 100 mW.
Because of size constraints, laser safety labeling (including an FDA class 1M label) is not affixed to the module, but
attached to the outside of the shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments and procedures other than those specified herein may result in hazardous
laser radiation exposure.
1782 DWDM High Power CW Source Laser


Similar Part No. - 1782A-NM-040-01FC-PM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1782A-NM-040-01-FC-PM EMCORE-1782A-NM-040-01-FC-PM Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
More results

Similar Description - 1782A-NM-040-01FC-PM

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559 Datasheet
87Kb / 2P
   Si photodiode Detector for X-ray monitor
logo
Finisar Corporation.
HFE4081-321 FINISAR-HFE4081-321 Datasheet
267Kb / 6P
   Attenuated VCSEL with Back Monitor Photodiode - VCSEL Anode Common
logo
Sharp Corporation
PD101SC0SS0F SHARP-PD101SC0SS0F Datasheet
41Kb / 2P
   Photodiode for 12 x Speed Writing CD-R/RW power monitor
logo
Hamamatsu Corporation
S1226-18BU HAMAMATSU-S1226-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
   Photodiode
EPD-360-0-0.3-1 EPIGAP-EPD-360-0-0.3-1 Datasheet
200Kb / 2P
   Photodiode
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
   Photodiode
EPD-740-5-0.9 EPIGAP-EPD-740-5-0.9 Datasheet
217Kb / 2P
   Photodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com