Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6000-0ID1-31001 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 6000-0ID1-31001
Description  Single or Dual Optical Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0ID1-31001 Datasheet(HTML) 3 Page - Emcore Corporation

  6000-0ID1-31001 Datasheet HTML 1Page - Emcore Corporation 6000-0ID1-31001 Datasheet HTML 2Page - Emcore Corporation 6000-0ID1-31001 Datasheet HTML 3Page - Emcore Corporation 6000-0ID1-31001 Datasheet HTML 4Page - Emcore Corporation 6000-0ID1-31001 Datasheet HTML 5Page - Emcore Corporation 6000-0ID1-31001 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET | NOVEMBER 2013
FIBER OPTICS
| REV 2013.11
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Electrical Specifications
Property
Requirement
Comments
CATV Nominal Input Power
18 dBmV/ch (78 dBuV/ch)
19 dBmV/ch (79 dBuV/ch)
80 NTSC channels
60 PAL channels
CATV Composite Level
-11.7 dBm
0 dB on FP Display (All Channel Plans)
CATV Input Range
+2/-8 dB from nominal input
Optimal performance at nominal input
CATV RF Gain / OMI Adjustment Range
+2/-8 dB from nominal setting
CATV Performance may vary slightly over
range
CATV Frequency Range
45 MHz – 1003 MHz
CATV Flatness
+/- 0.50 dB
+/- 0.75 dB
45 MHz – 550 MHz
45 MHz – 1003 MHz
CATV Input impedance
75
CATV Input Return Loss
16 dB min
45 MHz – 1003 MHz
CATV Front Panel RF Tap
-20 +/- 1 dB down from RF input
CATV Front Panel RF Tap Flatness
+/- 1 dB
45 MHz – 1003 MHz
Figure 2
Medallion 6000 I-Type SBS Suppression and CSO Generation
80 ch NTSC channel load vs Fiber length w ith varying SBS Settings
Single EDFA Fiber Link
10
15
20
25
30
35
40
1
10
100
Fiber Length (km)
-80
-75
-70
-65
-60
-55
-50
SBS=19 dBm
SBS=18 dBm
SBS=17 dBm
SBS=16 dBm
SBS=15 dBm
SBS=14 dBm
SBS=13 dBm
13 dBm CSO
14 dBm CSO
15 dBm CSO
19 dBm CSO
18 dBm CSO
17 dBm CSO
16 dBm CSO
EMCORE Proprietary Information
All Data show n is Typical Performance
I-Type Medallion 6000 1550 nm
Externally-Modulated Transmitter


Similar Part No. - 6000-0ID1-31001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0ID1-31001 EMCORE-6000-0ID1-31001 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 6000-0ID1-31001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0JE1 EMCORE-6000-0JE1 Datasheet
454Kb / 5P
   Single or Dual Optical Outputs
6000-L01 EMCORE-6000-L01 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
logo
OPLINK Communications I...
OISA155000D3111 OPLINK-OISA155000D3111 Datasheet
275Kb / 2P
   Mini Single Stage Dual Optical Isolator (C or L Band)
logo
XP Power Limited
SDL400PS12 XPPOWER-SDL400PS12 Datasheet
1,020Kb / 4P
   Single & Dual Outputs
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com