Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7100-01-XX01-11111 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 7100-01-XX01-11111
Description  SNMPv2 Control Interface
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7100-01-XX01-11111 Datasheet(HTML) 2 Page - Emcore Corporation

  7100-01-XX01-11111 Datasheet HTML 1Page - Emcore Corporation 7100-01-XX01-11111 Datasheet HTML 2Page - Emcore Corporation 7100-01-XX01-11111 Datasheet HTML 3Page - Emcore Corporation 7100-01-XX01-11111 Datasheet HTML 4Page - Emcore Corporation 7100-01-XX01-11111 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
`
DATASHEET | MARCH 2014
FIBER OPTICS
| REV 2014.03
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Electrical Characteristics
Property
Symbol
Min
Typ
Max
Unit
AC Power Supply Voltage
VAC
85
265
VAC
DC Power Supply Voltage
VDC
-36
-48
-72
VDC
Power Consumption
Note 1
PTOT
10
W
Note 1: 10 W valid at 0 dBm input and 14 dBm output power within specified operating temperature range.
Optical Characteristics
Property
Symbol
Min
Typ
Max
Unit
Wavelength Range
VAC
1528
1550
1562
nm
Input Power
PIN
-10
0
12
dBm
Total Ouput Power Options
Note 1
POUT
14
27
dBm
Output Power Delta to Nominal
POUTΔ
-0.5
0.5
dB
Output Port Count Options (SC)
Notes 1,2
-
1
10
Noise Figure
Note 3
NF
5.0
dB
Optical Isolation
ISO
30
dB
Input Power Alarm
LOS
-12
-11
-10
dBm
Input Monitor Loss
IMON
22
23
24
dB
Output Monitor Loss
OMON
22
23
34
dB
Note 1: Pre-splitter total output power. Number of Ports vary by model type.
Note 2: Model Types are specified by output power per port. Output power per port is limited to 21 dBm
Note 3: Test condition with input power = 0 dBm (@ 1550 nm)
Note 4: Specifications valid within operating temperature range.
Absolute Maximum Ratings
Property
Symbol
Min
Typ
Max
Unit
Operating Temperature Range
TO
0
50
oC
Storage temperature Range
TS
-40
85
oC
Relative Humidity
H
0
95
%
Medallion 7100 Series CATV Fiber Amplifier
Erbium Doped Fiber Amplifier (EDFA)


Similar Part No. - 7100-01-XX01-11111

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
7100-1 GAMEWELL-FCI-7100-1 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
logo
Kendall Howard
7100-1-100-36 KENDALLHOWARD-7100-1-100-36 Datasheet
2Mb / 2P
   PERFORMANCE PLUS HEAVY DUTY WORKBENCHES
logo
Gamewell-FCI by Honeywe...
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1D GAMEWELL-FCI-7100-1D Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1D-PNL GAMEWELL-FCI-7100-1D-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
More results

Similar Description - 7100-01-XX01-11111

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7110-01-2108-11135 EMCORE-7110-01-2108-11135 Datasheet
545Kb / 6P
   SNMPv2 Control Interface
logo
New Japan Radio
NJM2145 NJRC-NJM2145 Datasheet
235Kb / 6P
   REMOTE-CONTROL INTERFACE
logo
Pepperl+Fuchs Inc.
IC-KP2-2HB6-V15B PF-IC-KP2-2HB6-V15B Datasheet
776Kb / 4P
   Control interface unit
IC-KP-B6-V15B PF-IC-KP-B6-V15B Datasheet
808Kb / 3P
   Control interface unit
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
IC-KP2-1HB6-V15B PF-IC-KP2-1HB6-V15B Datasheet
772Kb / 4P
   Control interface unit
IC-KP2-1HRX-2V1 PF-IC-KP2-1HRX-2V1 Datasheet
720Kb / 4P
   Control interface unit
logo
CML Microcircuits
FX839 CMLMICRO-FX839 Datasheet
1Mb / 22P
   Analogue Control Interface
logo
Pepperl+Fuchs Inc.
IC-KP2-1HB17-2V1D PF-IC-KP2-1HB17-2V1D Datasheet
631Kb / 4P
   Control interface unit
IC-KP-B6-SUBD PF-IC-KP-B6-SUBD Datasheet
978Kb / 3P
   Control interface unit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com