Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR23625CQDDARQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23625CQDDARQ1
Description  SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625CQDDARQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LMR23625CQDDARQ1 Datasheet HTML 1Page - Texas Instruments LMR23625CQDDARQ1 Datasheet HTML 2Page - Texas Instruments LMR23625CQDDARQ1 Datasheet HTML 3Page - Texas Instruments LMR23625CQDDARQ1 Datasheet HTML 4Page - Texas Instruments LMR23625CQDDARQ1 Datasheet HTML 5Page - Texas Instruments LMR23625CQDDARQ1 Datasheet HTML 6Page - Texas Instruments LMR23625CQDDARQ1 Datasheet HTML 7Page - Texas Instruments LMR23625CQDDARQ1 Datasheet HTML 8Page - Texas Instruments LMR23625CQDDARQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
IOUT (A)
0.01
0.1
1
10
40
50
60
70
80
90
D000
VOUT = 5 V
VOUT = 3.3 V
BOOT
SW
L
CBOOT
FB
VIN
VIN up to 36 V
PGND
COUT
EN/SYNC
CIN
VCC
AGND
VOUT
CVCC
RFBT
RFBB
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMR23625-Q1
SNVSAR5 – DECEMBER 2016
LMR23625-Q1 SIMPLE SWITCHER® 36 V, 2.5 A Synchronous Step-Down Converter
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
- Device Temperature Grade 1: -40 °C to 125 °C
Ambient Operating Temperature Range
- Device HBM ESD Classification Level H1C
- Device CDM ESD Classification Level C4A
4 V to 36 V Input Range
2.5 A Continuous Output Current
Integrated Synchronous Rectification
Minimum Switch-On Time: 60 ns
Internal Compensation for Ease of Use
Fixed 2.1 MHz Switching Frequency
PFM and Forced PWM Mode Options at Light
Load
Frequency Synchronization to External Clock
75 µA Quiescent Current at No Load for PFM
Option
Power Good Option
Soft-Start into a Pre-Biased Load
High Duty Cycle Operation Supported
Output Short-Circuit Protection with Hiccup Mode
8-Pin HSOIC and 12-Pin WSON with
PowerPAD™ Package Options
2 Applications
Automotive Battery Regulation
Industrial Power Supplies
Telecom and Datacom Systems
General Purpose Wide Vin Regulation
space
3 Description
The LMR23625-Q1 SIMPLE SWITCHER® is an easy
to use 36 V, 2.5 A synchronous step down regulator.
With a wide input range from 4 V to 36 V, it is
suitable for various applications from industrial to
automotive for power conditioning from unregulated
sources. Peak current mode control is employed to
achieve simple control loop compensation and cycle-
by-cycle current limiting. A quiescent current of 75 μA
makes it suitable for battery powered systems.
Internal loop compensation means that the user is
free from the tedious task of loop compensation
design. This also minimizes the external components.
The device has option for fixed frequency FPWM
mode to achieve small output voltage ripple at light
load. An extended family is available in 1 A
(LMR23610-Q1), 1.5 A (LMR23615-Q1) and 3 A
(LMR23630-Q1) load current options in pin-to-pin
compatible packages which allows simple, optimum
PCB
layout.
A
precision
enable
input
allows
simplification of regulator control and system power
sequencing. Protection features include cycle-by-
cycle
current
limit,
hiccup
mode
short
circuit
protection and thermal shutdown due to excessive
power dissipation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMR23625CQDDARQ1
HSOIC (8)
4.9 mm x 3.9 mm
LMR23625CFQDDARQ1
HSOIC (8)
4.9 mm x 3.9 mm
LMR23625CFPQDRRRQ1
(Preview)
WSON (12)
3 mm x 3 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Efficiency vs Load, VIN = 12 V, PFM Option


Similar Part No. - LMR23625CQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625CQDDARQ1 TI1-LMR23625CQDDARQ1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625CQDDARQ1 TI1-LMR23625CQDDARQ1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
More results

Similar Description - LMR23625CQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com