Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60DCB10BF Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 60DCB10BF
Description  RFI Power Line Filters for DC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

60DCB10BF Datasheet(HTML) 6 Page - TE Connectivity Ltd

  60DCB10BF Datasheet HTML 1Page - TE Connectivity Ltd 60DCB10BF Datasheet HTML 2Page - TE Connectivity Ltd 60DCB10BF Datasheet HTML 3Page - TE Connectivity Ltd 60DCB10BF Datasheet HTML 4Page - TE Connectivity Ltd 60DCB10BF Datasheet HTML 5Page - TE Connectivity Ltd 60DCB10BF Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DC Series
RFI Power Line Filters for DC Applications (continued)



    
 















































    
 
























































 




























































 

 





 




















































Performance Data (continued)
Minimum Insertion Loss
Standard Performance
High Frequency Performance (F & BF Styles)
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Measured in closed 50 Ohm system
222
Corcom Product Guide
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com


Similar Part No. - 60DCB10BF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60DCB10BF MACOM-60DCB10BF Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
60DCB10BF MACOM-60DCB10BF Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
60DCB10BF MACOM-60DCB10BF Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
More results

Similar Description - 60DCB10BF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
3EXP MACOM-3EXP Datasheet
431Kb / 2P
   PC Board Mountable RFI Power Line Filters for Emission Control Applications
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com