Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754C-18-RP-FC-10 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1754C-18-RP-FC-10
Description  Standard ITU Grid Wavelengths
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1754C-18-RP-FC-10 Datasheet(HTML) 2 Page - Emcore Corporation

  1754C-18-RP-FC-10 Datasheet HTML 1Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 2Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 3Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 4Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 5Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 6Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DATASHEET | FEBRUARY 2016
FIBER OPTICS
| REV 2016.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Symbol
Condition
Min
Max
Unit
Operating Temperature Range
Tc
Continuous
-40
+85
°C
Storage Temperature Range
TSTG
Continuous
-40
+85
°C
Average RF Input Power
-
60 seconds
-
62
dBmV
Laser Forward DC Current
-
Continuous
-
150
mA
Photodiode Reverse Voltage
VMPD
Continuous
-
10
V
Laser Reverse Voltage, DC
-
Continuous
-
1
V
ESD
-
HBM: R = 1500 Ohm,
C = 100pF
-500
500
V
TEC Current
ITEC
Continuous
-1.5
1.5
A
Electrical/Optical Characteristics
Laser Temperature (TL) = 25oC, IF=IOP, Beginning of Life (BOL)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Case Temperature
TC
-
-40
25
+85
C
Optical Output Power
PO
6 mW version*
8 mW version*
10 mW version
16 mW version
6
8
10
16
-
-
-
-
7.9
9.9
15.9
19.9
mW
Threshold Current
ITH
25
C, BOL
-
-
20
mA
Slope Efficiency
.07
-
-
W/A
Operating Current
IOP
BOL
-
-
120
mA
Operating Voltage
VOP
25
C, BOL
-
-
2.5
V
Wavelength

ITU Grid
See page 3
nm
 Drift over TC Range
OP
If = 60 mA, T = TOP
-
-
40
pm
Laser Adiabatic Chirp
FM
IF = 60 mA, TOP = 25C
@ 500 MHz
40
-
100
MHz/mA
Optical Return Loss
ORL
-
40
-
-
dB
Sidemode Suppression Ratio
SMSR
30
-
-
dB
Optical Isolation
ISO
25
C
30
-
-
dB
Relative Intensity Noise
RIN
IF = ITH + 70 mA
-
-155
dB/Hz
Nominal Input Impedance
ZIN
-
22
25
27

MPD Responsivity
rPD
VRM = 5 V
10
-
200
μA/mW
MPD Dark Current
ID
IOP = 0 mA
VRM = 5V, TOP = 25C
0.2
A
MPD Current Relative to Output Power
-
VRM = 5V, TOP = 25C
10
-
200
mA/W
Thermistor Resistance
RTH
TOP = 25C
9.5
10
10.5
kΩ
Thermistor Temp. Coefficient
TCTH
TOP = 25C
-
-4.4
-
% /
C
TEC Voltage
VTEC
-
-2.5
-
3.8
V
*For 6 and 8 mW option, lossy splice may be applied.
1754C C-Band DWDM DFB Laser Module


Similar Part No. - 1754C-18-RP-FC-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C-18-RP-FC-10 EMCORE-1754C-18-RP-FC-10 Datasheet
710Kb / 7P
   C-Band DWDM DFB Laser Component
1754C-18-RP-FC-10 EMCORE-1754C-18-RP-FC-10 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
More results

Similar Description - 1754C-18-RP-FC-10

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XPD-MR-08-XXCDFA SOURCE-XPD-MR-08-XXCDFA Datasheet
532Kb / 9P
   Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid
XPD-MR-04-XXIDFA SOURCE-XPD-MR-04-XXIDFA Datasheet
491Kb / 9P
   Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid
logo
Bourns Electronic Solut...
TISP7015L1 BOURNS-TISP7015L1_10 Datasheet
635Kb / 1P
   ITU-T
logo
Faraday Technology
601F0575 FARADAY-601F0575 Datasheet
81Kb / 2P
   ITU-R BT. 601 FILTERS
logo
Intersil Corporation
HC-5509B INTERSIL-HC-5509B_03 Datasheet
528Kb / 9P
   ITU CO/Loop Carrier SLIC
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
logo
JDS Uniphase Corporatio...
DWS-2F3883P20 JDSU-DWS-2F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 200 GHz, ITU Component
DWS-1F3883P20 JDSU-DWS-1F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
logo
OKI electronic componet...
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
   ITU-T G.721 4ch ADPCM TRANSCODER
logo
Hamamatsu Corporation
C8000-30 HAMAMATSU-C8000-30 Datasheet
118Kb / 2P
   High-sensitivity imaging from UV to nearinfrared wavelengths
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com