Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7200-01-XX01-42211 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 7200-01-XX01-42211
Description  Low Noise Figure for CATV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7200-01-XX01-42211 Datasheet(HTML) 3 Page - Emcore Corporation

  7200-01-XX01-42211 Datasheet HTML 1Page - Emcore Corporation 7200-01-XX01-42211 Datasheet HTML 2Page - Emcore Corporation 7200-01-XX01-42211 Datasheet HTML 3Page - Emcore Corporation 7200-01-XX01-42211 Datasheet HTML 4Page - Emcore Corporation 7200-01-XX01-42211 Datasheet HTML 5Page - Emcore Corporation 7200-01-XX01-42211 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET | APRIL 2016
FIBER OPTICS
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
| REV 2016.04
Medallion 7200 Series CATV Fiber Amplifier
Erbium/Ytterbium Doped Fiber Amplifier (EYDFA)
Optical Characteristics
Property
Symbol
Min
Typ
Max
Unit
Wavelength Range
λOP
1545
1550
1562
nm
Input Power
PIN
-10
0
12
dBm
Total Output Power Options Note 1
POUT
30
43
dBm
Output Power Delta to Nominal Note 2
POUTΔ
-0.5
0.5
dB
Output Port Count Options (SC) Notes 1,3
-
1
64
Noise Figure Note 4
NF
6.0
dB
Optical Isolation
ISO
30
dB
Input Power Alarm
LOS
-12
-11
-10
dBm
Input Monitor Loss
Lmon_in
22.5
23.5
24.5
dB
Output Monitor Loss
Lmon_out
22.5
23.5
24.5
dB
Note 1: Pre-splitter total output power. Number of ports vary by model type.
Note 2: Valid for 1-16 ports. Models with greater than 16 output ports ≤ 1.2 dB deltas.
Note 3: Model types are specified by output power per port. Output power per port is limited to 21 dBm.
Note 4: Test condition with input power = 0 dBm (@ 1550 nm).
Note 5: Specifications valid within operating temperature range.
Absolute Maximum Ratings
Property
Symbol
Min
Typ
Max
Unit
Operating Temperature Range
TO
0
50
oC
Storage temperature Range
TS
-40
85
oC
Relative Humidity (non condensing)
H
0
95
%


Similar Part No. - 7200-01-XX01-42211

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
7200-B-RETROFIT GAMEWELL-FCI-7200-B-RETROFIT Datasheet
763Kb / 2P
   Retrofit Kits FCI 7200 to E3 Series
7200-C-RETROFIT GAMEWELL-FCI-7200-C-RETROFIT Datasheet
763Kb / 2P
   Retrofit Kits FCI 7200 to E3 Series
More results

Similar Description - 7200-01-XX01-42211

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com