Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7200-01-XX02-42211 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 7200-01-XX02-42211
Description  Low Noise Figure for CATV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7200-01-XX02-42211 Datasheet(HTML) 1 Page - Emcore Corporation

  7200-01-XX02-42211 Datasheet HTML 1Page - Emcore Corporation 7200-01-XX02-42211 Datasheet HTML 2Page - Emcore Corporation 7200-01-XX02-42211 Datasheet HTML 3Page - Emcore Corporation 7200-01-XX02-42211 Datasheet HTML 4Page - Emcore Corporation 7200-01-XX02-42211 Datasheet HTML 5Page - Emcore Corporation 7200-01-XX02-42211 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET | APRIL 2016
FIBER OPTICS
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
| REV 2016.04
Medallion 7200 Series CATV Fiber Amplifier
Erbium/Ytterbium Doped Fiber Amplifier (EYDFA)
Applications
CATV Supertrunking
High Power Distribution Networks
Redundant Ring Architectures
FTTx Networks
Features
High Saturation Output Power up to
43 dBm (Pre-Splitter)
Dual Power Supplies, Redundant &
Hot Swappable – AC or DC
Front Panel Optical Input & Output
Monitor Ports
SNMPv2 Control Interface
Web Server
10/100bT
Low Noise Figure for CATV
Wide Input Dynamic Range
Very Stable Output Power Over a Wide
Operating Temperature Range
Redundant Power Supplies
Redundant Fans
The Medallion 7200 series product line is a family of state-of-the-art high
performance CATV Erbium/Ytterbium Doped Fiber Amplifiers (EYDFA). Packaged
in a convenient 2 RU housing, this line of fiber amplifiers has been optimized for
superior output power stability and the exceptionally low noise figures demanded
by CATV applications.
The Medallion 7200 provides very stable optical outputs over a wide operating
temperature range. Internally it is supported with input and output isolators for
enhanced system stability and performance. Optical power is continuously
monitored at the input and output for automatic power control during operation
over a wide operating temperature range.
The Medallion 7200 offers a full range of flexible configurations and a rich set of
features. These include remote management capability through SNMPv2, Telnet
and a resident Web Server. The Medallion 7200 also supports MIBs specified by
SCTE (Society of Cable Television Engineers) for this product class. For local
management, an RS-232 port is standard, along with a convenient front panel
control menu provided on a Vacuum Fluorescent Display (VFD).
High Level Features
Automatic Power Control and/or Automatic Gain Control Modes
Port Count, Optical Power, and Connector Style Options
Integrated per Channel WDM for FTTx PON Applications
Monitors & Alarms
Loss of Input Power
Loss of Output Power
Pump Laser Diodes Bias Current
Pump Laser Diodes Temperature
Case Temperature


Similar Part No. - 7200-01-XX02-42211

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
7200-B-RETROFIT GAMEWELL-FCI-7200-B-RETROFIT Datasheet
763Kb / 2P
   Retrofit Kits FCI 7200 to E3 Series
7200-C-RETROFIT GAMEWELL-FCI-7200-C-RETROFIT Datasheet
763Kb / 2P
   Retrofit Kits FCI 7200 to E3 Series
More results

Similar Description - 7200-01-XX02-42211

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com