Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7110-11-XX16-22114 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 7110-11-XX16-22114
Description  SNMPv2 Control Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7110-11-XX16-22114 Datasheet(HTML) 3 Page - Emcore Corporation

  7110-11-XX16-22114 Datasheet HTML 1Page - Emcore Corporation 7110-11-XX16-22114 Datasheet HTML 2Page - Emcore Corporation 7110-11-XX16-22114 Datasheet HTML 3Page - Emcore Corporation 7110-11-XX16-22114 Datasheet HTML 4Page - Emcore Corporation 7110-11-XX16-22114 Datasheet HTML 5Page - Emcore Corporation 7110-11-XX16-22114 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET | JANUARY 2016
FIBER OPTICS
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
| REV 2016.01
Medallion 7110 Series CATV Fiber Amplifier
Erbium/Ytterbium Doped Fiber Amplifier (EYDFA)
Optical Characteristics Note 4
Property
Symbol
Min
Typ
Max
Unit
Wavelength Range
λOP
1545
1550
1562
nm
Input Power
PIN
-10
0
12
dBm
Total Output Power Options Note 1
POUT
27
31.5
dBm
Output Power Delta to Nominal
POUTΔ
-0.5
0.5
dB
Output Port Count Options (SC) Notes ,2
-
1
16
Noise Figure Note 3
NF
6.0
dB
Optical Isolation
ISO
30
dB
Input Power Alarm
LOS
-12
-11
-10
dBm
Input Monitor Loss
Lmon_in
22.5
23.5
24.5
dB
Output Monitor Loss
Lmon_out
22.5
23.5
24.5
dB
Note 1: Pre-splitter total output power. Number of ports varies by model type.
Note 2: Model Types are specified by output power per port. Output power per port is limited to 21 dBm. A maximum of 8
outputs are available with integrated WDMs.
Note 3: Test condition with input power = 0 dBm (@ 1555 nm).
Note 4: Specifications valid within operating temperature range.
Absolute Maximum Ratings
Property
Symbol
Min
Typ
Max
Unit
Operating Temperature Range
TO
0
50
oC
Storage temperature Range
TS
-40
85
oC
Relative Humidity (non condensing)
H
0
95
%


Similar Part No. - 7110-11-XX16-22114

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7110-RC BOURNS-7110-RC Datasheet
89Kb / 1P
   Common Mode EMI Chokes
7110-RC BOURNS-7110-RC Datasheet
55Kb / 1P
   Common Mode EMI Chokes
7110-RC BOURNS-7110-RC Datasheet
75Kb / 1P
   Common Mode EMI Chokes
logo
RAF ELECTRONIC HARDWARE
7110-SS RAF-7110-SS Datasheet
149Kb / 1P
   WASHER FACE THUMB SCREWS
More results

Similar Description - 7110-11-XX16-22114

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7100-1401-11135 EMCORE-7100-1401-11135 Datasheet
532Kb / 5P
   SNMPv2 Control Interface
logo
New Japan Radio
NJM2145 NJRC-NJM2145 Datasheet
235Kb / 6P
   REMOTE-CONTROL INTERFACE
logo
Pepperl+Fuchs Inc.
IC-KP2-2HB6-V15B PF-IC-KP2-2HB6-V15B Datasheet
776Kb / 4P
   Control interface unit
IC-KP-B6-V15B PF-IC-KP-B6-V15B Datasheet
808Kb / 3P
   Control interface unit
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
IC-KP2-1HB6-V15B PF-IC-KP2-1HB6-V15B Datasheet
772Kb / 4P
   Control interface unit
IC-KP2-1HRX-2V1 PF-IC-KP2-1HRX-2V1 Datasheet
720Kb / 4P
   Control interface unit
logo
CML Microcircuits
FX839 CMLMICRO-FX839 Datasheet
1Mb / 22P
   Analogue Control Interface
logo
Pepperl+Fuchs Inc.
IC-KP2-1HB17-2V1D PF-IC-KP2-1HB17-2V1D Datasheet
631Kb / 4P
   Control interface unit
IC-KP-B6-SUBD PF-IC-KP-B6-SUBD Datasheet
978Kb / 3P
   Control interface unit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com