Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACQ624 Datasheet(PDF) 3 Page - RFHIC

Part # ACQ624
Description  Low Noise Figure
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

ACQ624 Datasheet(HTML) 3 Page - RFHIC

  ACQ624 Datasheet HTML 1Page - RFHIC ACQ624 Datasheet HTML 2Page - RFHIC ACQ624 Datasheet HTML 3Page - RFHIC ACQ624 Datasheet HTML 4Page - RFHIC ACQ624 Datasheet HTML 5Page - RFHIC ACQ624 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
E-pHEMT MMIC
ACQ624
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 6
Version 1.1
Typical Performance @ Vdd=5V, Ids=280mA, T=25℃, 75ohm System, AGC Range: Vcontrol = 0 ~ 5V, 12V
Gain vs. Frequency
Noise Figure vs. Frequency
0.2
0.4
0.6
0.8
0.0
1.0
-5
0
5
10
15
20
25
30
35
-10
40
freq, GHz
Vcon = 1.5V
Vcon = 1.7V
Vcon = 2.2V
Vcon = 3.4V
Vcon = 1.4V
Vcon = 5.0V
Vcon = 12V
Vcon = 0.0V
0
1
2
3
4
5
10
200
400
600
800
1000
Freq(MHz)
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
0.2
0.4
0.6
0.8
0.0
1.0
-15
-10
-5
-20
0
freq, GHz
Vcon = 1.5V
Vcon = 1.7V
Vcon = 2.2V
Vcon = 3.4V
Vcon = 1.4V
Vcon = 5.0V
Vcon = 12V
Vcon = 0.0V
0.2
0.4
0.6
0.8
0.0
1.0
-25
-20
-15
-10
-5
-30
0
freq, GHz
Vcon = 1.5V
Vcon = 1.7V
Vcon = 2.2V
Vcon = 3.4V
Vcon = 1.4V
Vcon = 5.0V
Vcon = 12V
Vcon = 0.0V
Multi-Tone Test: 79CH_FLAT @ Output +35dBmV/ch, Vctr = 5V
Level: +35dBmV
Tilt: 79CH_FLAT
FRQ
XMD
(NCTA)
CTB
RAW
CTB
COR
N-FLR
CSU
RAW
CSU
COR
CSU
FRQ
CSL
RAW
CSL
COR
CSL
FRQ
55.25
59.4
67.9
68.3
78.3
75.3
78.4
55.99
61.8
61.8
53.99
211.25
59.3
64.4
64.6
78.6
76.9
81.2
212.49
67.8
68.1
209.99
331.25
58.1
63.5
63.6
78.3
72.6
74
332.5
67.9
68.3
329.99
445.25
57
62.5
62.7
78.6
68.7
69.2
446.49
72.2
73.3
444.17
547.25
56.1
63.5
63.7
77.9
68.1
68.6
548.49
74.1
77.2
546.49
Min
56.1
62.5
62.7
77.9
68.1
68.6
55.99
61.8
61.8
53.99
Max
59.4
67.9
68.3
78.6
76.9
81.2
548.49
74.1
77.2
546.49


Similar Part No. - ACQ624

ManufacturerPart #DatasheetDescription
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
   High linearity
More results

Similar Description - ACQ624

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1322 AVAGO-ALM-1322 Datasheet
783Kb / 10P
   Very Low noise figure
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com