Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE510 Datasheet(PDF) 2 Page - RFHIC

Part # AE510
Description  Lower manufacturing cost
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE510 Datasheet(HTML) 2 Page - RFHIC

  AE510 Datasheet HTML 1Page - RFHIC AE510 Datasheet HTML 2Page - RFHIC AE510 Datasheet HTML 3Page - RFHIC AE510 Datasheet HTML 4Page - RFHIC AE510 Datasheet HTML 5Page - RFHIC AE510 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E-pHEMT MMIC
AE510
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 6
Version 1.1
Application Circuit @ 30 ~ 1000MHz, 75ohm System, VDD=5V
Typical Performance @ VDD=5V, IDS=200mA, T=25℃, 75ohm System
PARAMETER
UNIT
TYPICAL
Frequency
MHz
30
500
1000
Gain(S21)
dB
18.5
19.2
18.6
Input Return Loss(S11)
dB
-7.5
-27.2
-19.7
Output Return Loss(S22)
dB
-8.0
-18.2
-15.5
Output IP3
dBm
35.2
40
35.8
1dB Compression Point
dBm
21.5
23
22
Noise Figure
dB
2.8
2.9
3.2
CSO*
dBc
-74
CTB*
dBc
-73
Current
mA
200
Gain vs. Frequency
16.0
17.0
18.0
19.0
20.0
21.0
30
200
400
600
800
1000
Freq(MHz)
85°C
25°C
- 40°C
* 79channels_Flat, +30dBmV
S11 vs. Frequency
S22 vs. Frequency
-40.0
-30.0
-20.0
-10.0
0.0
10.0
30
200
400
600
800
1000
Freq(MHz)
85°C
25°C
- 40°C
-40.0
-30.0
-20.0
-10.0
0.0
10.0
30
200
400
600
800
1000
Freq(MHz)
85°C
25°C
- 40°C


Similar Part No. - AE510

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
   Lower manufacturing cost
logo
Coilcraft lnc.
AE512PJB COILCRAFT-AE512PJB Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
AE512PJB103MSZ COILCRAFT-AE512PJB103MSZ Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
AE512PJB104MSZ COILCRAFT-AE512PJB104MSZ Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
AE512PJB105MSZ COILCRAFT-AE512PJB105MSZ Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
More results

Similar Description - AE510

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
   Lower manufacturing cost
logo
OSA Opto Light GmbH
OLS-180R OSA-OLS-180R Datasheet
125Kb / 5P
   Series 180 - 0805 lower height low cost
OLS-250R OSA-OLS-250R Datasheet
129Kb / 5P
   Series 250 - 1206 lower height low cost
logo
Ironwood Electronics.
SBT-LGA-9003 IRONWOOD-SBT-LGA-9003 Datasheet
276Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6004 IRONWOOD-CBT-BGA-6004 Datasheet
467Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6019 IRONWOOD-CBT-BGA-6019 Datasheet
401Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6025 IRONWOOD-CBT-BGA-6025 Datasheet
628Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6034 IRONWOOD-CBT-BGA-6034 Datasheet
516Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6036 IRONWOOD-CBT-BGA-6036 Datasheet
485Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6044 IRONWOOD-CBT-BGA-6044 Datasheet
439Kb / 6P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com