Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W2012F500-RD-10 Datasheet(PDF) 8 Page - Superworld Electronics

Part # W2012F500-RD-10
Description  WIREWOUND TYPE COMMON MODE FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W2012F500-RD-10 Datasheet(HTML) 8 Page - Superworld Electronics

  W2012F500-RD-10 Datasheet HTML 1Page - Superworld Electronics W2012F500-RD-10 Datasheet HTML 2Page - Superworld Electronics W2012F500-RD-10 Datasheet HTML 3Page - Superworld Electronics W2012F500-RD-10 Datasheet HTML 4Page - Superworld Electronics W2012F500-RD-10 Datasheet HTML 5Page - Superworld Electronics W2012F500-RD-10 Datasheet HTML 6Page - Superworld Electronics W2012F500-RD-10 Datasheet HTML 7Page - Superworld Electronics W2012F500-RD-10 Datasheet HTML 8Page - Superworld Electronics W2012F500-RD-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 8
20.05.2014
NOTE : Specifications subject to change without notice. Please check our website for latest information.
D1:1± 0.1
P2:2± 0.05
P
Po:4± 0.1
Ko
Section A-A
Ao
A
t
A
D:1.5+0.1
Series
Ko(mm)
1.35± 0.10
Bo(mm)
2.25± 0.10
Ao(mm)
1.50± 0.10
P(mm)
4.0± 0.1
t(mm)
0.22± 0.05
D(mm)
178.0± 2.0
9-2 Tape Dimension / 8mm
7" x 8mm
R0.5
R1.9
120°
7" x 12mm
2± 0.5
60.0± 2.0
R10.5
13.5± 0.5
7" x 8mm
9.0± 0.5
13.5± 0.5
Type
A(mm)
C(mm)
B(mm)
9-1. Reel Dimension
9. PACKAGING INFORMATION :
A
W2012
9-3. Packing Quantity
Carton
Middle Box
Chip / Reel
Series
Inner Box
100000
50000
2000
10000
W2012
WIREWOUND TYPE COMMON MODE FILTER
W2012 SERIES


Similar Part No. - W2012F500-RD-10

ManufacturerPart #DatasheetDescription
logo
ITT Industries
W201132C205AQ ITT-W201132C205AQ Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
W201132C205AQ2 ITT-W201132C205AQ2 Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
W201132C2WCAQ ITT-W201132C2WCAQ Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
W201132C2WCAQ2 ITT-W201132C2WCAQ2 Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
W201132C805AQ ITT-W201132C805AQ Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
More results

Similar Description - W2012F500-RD-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W3F900-RD-10 SUPERWORLD-W3F900-RD-10 Datasheet
283Kb / 6P
   WIREWOUND TYPE COMMON MODE FILTER
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
W1210F500-RB-10 SUPERWORLD-W1210F500-RB-10 Datasheet
432Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W3NL670-RD-10 SUPERWORLD-W3NL670-RD-10 Datasheet
1Mb / 7P
   WIREWOUND TYPE Common Mode Filter
W4F300-RD-10 SUPERWORLD-W4F300-RD-10 Datasheet
371Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
   WIREWOUND COMMON MODE FILTER
NT2012F TOKO-NT2012F Datasheet
227Kb / 4P
   WIREWOUND COMMON MODE FILTER
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
   SMD Wirewound Common Mode Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com