Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W4420F-252M-F10 Datasheet(PDF) 8 Page - Superworld Electronics

Part # W4420F-252M-F10
Description  PHONE LINE FILTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W4420F-252M-F10 Datasheet(HTML) 8 Page - Superworld Electronics

  W4420F-252M-F10 Datasheet HTML 1Page - Superworld Electronics W4420F-252M-F10 Datasheet HTML 2Page - Superworld Electronics W4420F-252M-F10 Datasheet HTML 3Page - Superworld Electronics W4420F-252M-F10 Datasheet HTML 4Page - Superworld Electronics W4420F-252M-F10 Datasheet HTML 5Page - Superworld Electronics W4420F-252M-F10 Datasheet HTML 6Page - Superworld Electronics W4420F-252M-F10 Datasheet HTML 7Page - Superworld Electronics W4420F-252M-F10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
9-4. Tearing Off Force
The force for tearing off cover tape is 10 to 80 grams
in the arrow direction under the following conditions.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
1. Storage Conditions :
To maintain the solderabililty of terminal electrodes :
a) Temperature and humidity conditions : Less than 40° C and 60% RH.
b) Recommended products should be used within 12 months from the time of delivery.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
2. Transportation :
Application Notice
Top cover tape
F
Base tape
165° to 180°
Room Temp.
(° C)
5~35
Room Humidity
(%)
45~85
Tearing Speed
(mm/min)
300
Room atm
(hPa)
860~1060
PG. 7
(referenced ANSI/EIA-481-C-2003 of 4.11 standard)
W4420 SERIES
PHONE LINE FILTER
07.10.2014
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - W4420F-252M-F10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W4420F352KF10DS SUPERWORLD-W4420F352KF10DS Datasheet
332Kb / 6P
   Transponder Coil
W4420F492KF10DS SUPERWORLD-W4420F492KF10DS Datasheet
332Kb / 6P
   Transponder Coil
More results

Similar Description - W4420F-252M-F10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
   PHONE LINE FILTER
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
   PHONE LINE FILTER
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N_1 Datasheet
361Kb / 10P
   Phone Line Monitor (PLM) IC
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
logo
XFMRS Inc.
XF6005 XFMRS-XF6005 Datasheet
119Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
Clare, Inc.
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
   Phone Line Monitor with Detectors (PLMD)
logo
Bothhand USA, LP.
HR5770 BOTHHAND-HR5770 Datasheet
156Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
XFMRS Inc.
XF6005 XFMRS-XF6005 Datasheet
119Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
XF6006 XFMRS-XF6006 Datasheet
122Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com