Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5806 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5806
Description  Multi Core DSP with SRC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5806 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5806 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5806 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5806 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5806 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5806 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5806 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5806 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5806 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5806 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
[AK5806]
016011439-E-00
2016/09
- 6 -
9. Electrical characteristics
9.1. DC Characteristics
(Ta: −40°C to 125°C / VDD: 3.135 to 3.465V)
Item
Pin
Min.
Typ.
Max.
Unit
Condition
High Level Input Voltage (VIH)
CSN
CCLK
CDTI
0.7xVDD
3.465
V
Low Level Input Voltage (VIL)
0
0.3xVDD
V
Input Pull-up Current
−66
−33
−10
µA
0V Input
Input Leak Current
−10
+10
µA
VDD Input
High Level Output Voltage (VOH)
CDTO
VDD−0.5
VDD
V
IOH = −2mA
Low Level Output Voltage (VOL)
0
0.5
V
IOL = 2mA
Output Leak Current
−10
+10
µA
High Level Reset Input Voltage
RSTN
0.7xVDD
3.465V
V
Low Level Reset Input Voltage
0
0.3xVDD
V
Reset Input Current
10
33
66
µA
VDD Input
Reset Input Leak Current
−10
+10
µA
0V Input
TEST Pin Pull-down Current
TEST
10
33
66
µA
9.2. AC Timing
Ta: −40°C to 125°C / VDD: 3.135 to 3.465V
9.2.1. Reset input
0.3xVDD
nRSTN
RSTN
Figure 3
Item
Symbol
Min.
Typ.
Max.
Unit
Reset Filter
nRSTN
10
100
µs
Low input under 10µs will be rejected. A reset input does not synchronized with the CCLK.
9.2.2. Power up Sequence
RSTN
VDD
Resister Access
Disable
Resister Access
Enable
Resister
Access
REGSTRT
VIH
RSTRL
Figure 4
Item
Symbol
Min.
Typ.
Max.
Unit
RESET Release
RSTRL
100
µs
Register access start
REGSTRT
1
ms


Similar Part No. - AK5806

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK581024 ACCUTEK-AK581024 Datasheet
84Kb / 2P
   4,194,304 x 8 Bit CMOS Dynamic Random Access Memory
AK581024 ACCUTEK-AK581024 Datasheet
77Kb / 2P
   4,194,304 Word by 8 Bit CMOS Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG Datasheet
85Kb / 2P
   1,048,576 x 8 bit CMOS Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG Datasheet
78Kb / 2P
   Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG_09 Datasheet
78Kb / 2P
   Dynamic Random Access Memory
More results

Similar Description - AK5806

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7738VQ AKM-AK7738VQ Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7736B AKM-AK7736B Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7736BVQ AKM-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7736AVQ AKM-AK7736AVQ Datasheet
784Kb / 21P
   2Ch SRC ?낁뵷 Audio/HF DSP
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com