Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM392M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM392M
Description  Low Power Operational Amplifier/Voltage Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM392M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM392M Datasheet HTML 1Page - National Semiconductor (TI) LM392M Datasheet HTML 2Page - National Semiconductor (TI) LM392M Datasheet HTML 3Page - National Semiconductor (TI) LM392M Datasheet HTML 4Page - National Semiconductor (TI) LM392M Datasheet HTML 5Page - National Semiconductor (TI) LM392M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM392/LM2924
Low Power Operational Amplifier/Voltage Comparator
General Description
The LM392 series consists of 2 independent building block
circuits. One is a high gain, internally frequency compen-
sated operational amplifier, and the other is a precision volt-
age comparator. Both the operational amplifier and the volt-
age comparator have been specifically designed to operate
from a single power supply over a wide range of voltages.
Both circuits have input stages which will common-mode in-
put down to ground when operating from a single power sup-
ply. Operation from split power supplies is also possible and
the low power supply current is independent of the magni-
tude of the supply voltage.
Application areas include transducer amplifier with pulse
shaper, DC gain block with level detector, VCO, as well as all
conventional operational amplifier or voltage comparator cir-
cuits. Both circuits can be operated directly from the stan-
dard 5 V
DC power supply voltage used in digital systems,
and the output of the comparator will interface directly with
either TTL or CMOS logic. In addition, the low power drain
makes the LM392 extremely useful in the design of portable
equipment.
Advantages
n Eliminates need for dual power supplies
n An internally compensated op amp and a precision
comparator in the same package
n Allows sensing at or near ground
n Power drain suitable for battery operation
n Pin-out is the same as both the LM358 dual op amp and
the LM393 dual comparator
Features
n Wide power supply voltage range
Single supply:
3V to 32V
Dual supply:
±1.5V to ±16V
n Low supply current drain — essentially independent of
supply voltage:
600 µA
n Low input biasing current:
50 nA
n Low input offset voltage:
2 mV
n Low input offset current:
5 nA
n Input common-mode voltage range includes ground
n Differential input voltage range equal to the power
supply voltage
ADDITIONAL OP AMP FEATURES
n Internally frequency compensated for unity gain
n Large DC voltage gain:
100 dB
n Wide bandwidth (unity gain):
1 MHz
n Large output voltage swing:
0V to V
+ − 1.5V
ADDITIONAL COMPARATOR FEATURES
n Low output saturation voltage:
250 mV at 4 mA
n Output voltage compatible with all types of logic systems
Connection Diagram
(Amplifier A = Comparator)
(Amplifier B = Operational Amplifier)
Dual-In-Line Package
DS007793-1
(Top View)
Order Number LM392M or LM2924M
See NS Package Number M08A
Order Number LM392N or LM2924N
See NS Package Number N08E
April 1998
© 1999 National Semiconductor Corporation
DS007793
www.national.com


Similar Part No. - LM392M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM392M TI1-LM392M Datasheet
865Kb / 14P
[Old version datasheet]   lm392-N Low Power Operational Amplifier/Voltage Comparator
LM392M TI1-LM392M Datasheet
866Kb / 14P
[Old version datasheet]   Low Power Operational Amplifier/Voltage Comparator
LM392M/NOPB TI1-LM392M/NOPB Datasheet
866Kb / 14P
[Old version datasheet]   Low Power Operational Amplifier/Voltage Comparator
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
[Old version datasheet]   lm392-N Low Power Operational Amplifier/Voltage Comparator
LM392MX/NOPB TI1-LM392MX/NOPB Datasheet
866Kb / 14P
[Old version datasheet]   Low Power Operational Amplifier/Voltage Comparator
More results

Similar Description - LM392M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
[Old version datasheet]   Low Power Operational Amplifier/Voltage Comparator
LM392 TI1-LM392_14 Datasheet
897Kb / 14P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
[Old version datasheet]   LM392 Low Power Operational Amplifier/Voltage Comparator
LM392 TI-LM392 Datasheet
286Kb / 10P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
[Old version datasheet]   lm392-N Low Power Operational Amplifier/Voltage Comparator
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
   Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
   High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com