Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5536VN Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK5536VN
Description  6-Channel Differential 32-bit ?꾬걪 ADC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5536VN Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK5536VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK5536VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK5536VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK5536VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK5536VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK5536VN Datasheet HTML 9Page - Asahi Kasei Microsystems AK5536VN Datasheet HTML 10Page - Asahi Kasei Microsystems AK5536VN Datasheet HTML 11Page - Asahi Kasei Microsystems AK5536VN Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
[AK5536]
015099885-E-00
2016/03
- 8 -
6. Absolute Maximum Ratings
(VSS= 0 V; Note 3)
Parameter
Symbol
Min.
Max.
Unit
Power
Supplies:
Analog (AVDD pin)
Digital Interface (TVDD pin)
Digital Core (VDD18 pin) (Note 4)
AVDDam
TVDDam
VDD18am
−0.3
−0.3
−0.3
6.0
4.0
2.5
V
V
V
Input Current (Any Pin Except Supplies)
IIN
-
10
mA
Analog Input Voltage (AIN1-6P, AIN1-6N pins)
VINA
−0.3
AVDD+0.3
V
Digital Input Voltage
VIND
−0.3
TVDD+0.3
V
Ambient Temperature (Power applied)
When the back tab is connected to VSS
When the back tab is open
Ta
Ta
−40
−40
105
70
°C
°C
Storage Temperature
Tstg
−65
150
°C
Note 3. All voltages with respect to ground.
Note 4. The 1.8
V LDO is off (LDOE pin = “L”) and an external power is supplied to the VDD18 pin.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
7. Recommended Operation Conditions
(VSS= 0 V; Note 3)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power
Supplies
Analog (AVDD pin)
AVDD
3.0
3.3
3.6
V
(LDOE pin=
“L”) (Note 5)
Digital Interface (TVDD pin)
(Note 6)
Digital Core (VDD18 pin)
TVDD
VDD18
1.7
1.7
1.8
1.8
1.98
1.98
V
V
(LDOE pin=
“H”) (Note 7)
Digital Interface (TVDD pin)
TVDD
3.0
3.3
3.6
V
Voltage
Reference
“H” voltage Reference (Note 8)
VREFH1-3
3.0
3.3
3.6
V
“L” voltage reference (Note 9)
VREFL1-3
-
AVSS
-
V
Note 3. All voltages with respect to ground.
Note 5. TVDD pin must be powered up before or at the same time with the VDD18 pin when the LDOE
pin = “L”. The power up sequence between AVDD pin and TVDD pin or between AVDD pin and
VDD18 pin is not critical.
Note 6. TVDD must not exceed VDD18±0.1
V when LDOE pin= “L”.
Note 7.
When LDOE pin = “H”, the internal LDO supplies 1.8 V (typ). The power up sequences between
AVDD pin and TVDD pin is not critical.
Note 8. VREFH1-3 must not exceed AVDD+0.1 V.
Note 9. VREFL1-3 must be connected to AVSS.
Analog Input Voltage is proportional to {(VREFH)
– (VREFL)}.
Vin (typ, @ 0dB) =
1.85  {(VREFH) – (VREFL)} / 3.3 [V].
* AKM assumes no responsibility for the usage beyond the conditions in this data sheet.


Similar Part No. - AK5536VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5536 AKM-AK5536 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
More results

Similar Description - AK5536VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5536 AKM-AK5536 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5576EN AKM-AK5576EN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5572EN AKM-AK5572EN Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ?꾬걪 ADC
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5578EN AKM-AK5578EN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ?꾬걪 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com