Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5534VN Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK5534VN
Description  4-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5534VN Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK5534VN Datasheet HTML 1Page - Asahi Kasei Microsystems AK5534VN Datasheet HTML 2Page - Asahi Kasei Microsystems AK5534VN Datasheet HTML 3Page - Asahi Kasei Microsystems AK5534VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK5534VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK5534VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK5534VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK5534VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK5534VN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
[AK5534]
015099892-E-00
2016/03
- 1 -
1. General Description
The AK553x series is a 32-bit, 768 kHz sampling, differential input A/D converter for digital audio
systems. It achieves 111 dB dynamic range and 103 dB S/(N+D) while maintaining low power
consumption performance.
The AK5534 integrates a 4-channel A/D converter, suitable for mixers and multi-channel recorders. Four
types of digital filters are integrated and selectable according to the sound quality preference. The
AK5534 can be easily connected to a DSP by supporting TDM audio formats. Additionally, it supports
DSD output up to 11.2MHz. The channel summation mode improves the dynamic range performance by
summing-up multiple channel A/D data and averaging. The dynamic range is improved to 114 dB in
4-to-2 mode and to 117 dB in 4-to-1 mode.
2. Features
 Sampling Rate: 8 kHz-768 kHz
 Input: Full Differential Inputs
 S/(N+D): 103 dB
 DR: 111 dB (4-to-2 mode: 114 dB, 4-to-1 mode: 117 dB)
 S/N: 111 dB (4-to-2 mode: 114 dB, 4-to-1 mode: 117 dB)
 Internal Filter: Four types of LPF, Digital HPF
 Power Supply: 3.0-3.6 V (Analog), 1.7-1.98 V or 3.0-3.6 V (Digital)
 Output Format
PCM mode: 24/32-bit MSB justified, I
2S or TDM
DSD mode: DSD Native 64, 128, 256
Maximized Slot Efficiency in TDM Mode by Optimal Data Placed Mode
 Cascade TDM I/F:
TDM512: fs= 48 kHz
TDM256: fs= 96 kHz or 48 kHz
TDM126: fs= 192 kHz, 96 kHz or 48 kHz
 Operation Mode: Master Mode & Slave Mode
 Detection Function: Input Overflow Flag
 Serial Interface: 3-wire Serial and I2
C μP I/F (Pin setting is also available)
 Power Consumption: 96mW (@AVDD= 3.3 V, TVDD= 3.3 V, fs= 48 kHz)
 Package: 48-pin QFN
4-Channel Differential 32-bit
 ADC
AK5534


Similar Part No. - AK5534VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
More results

Similar Description - AK5534VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5554VN AKM-AK5554VN_16 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5574EN AKM-AK5574EN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?誇 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com