Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W1210F900-RB-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # W1210F900-RB-10
Description  WIREWOUND TYPE COMMON MODE FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W1210F900-RB-10 Datasheet(HTML) 2 Page - Superworld Electronics

  W1210F900-RB-10 Datasheet HTML 1Page - Superworld Electronics W1210F900-RB-10 Datasheet HTML 2Page - Superworld Electronics W1210F900-RB-10 Datasheet HTML 3Page - Superworld Electronics W1210F900-RB-10 Datasheet HTML 4Page - Superworld Electronics W1210F900-RB-10 Datasheet HTML 5Page - Superworld Electronics W1210F900-RB-10 Datasheet HTML 6Page - Superworld Electronics W1210F900-RB-10 Datasheet HTML 7Page - Superworld Electronics W1210F900-RB-10 Datasheet HTML 8Page - Superworld Electronics W1210F900-RB-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
20.05.2014
WIREWOUND TYPE COMMON MODE FILTER
W1210F500-RB-10
50± 25%
100
0.30
50
250
125
10M
Part No.
Test
(MHz)
Frequency
(Ω)
Impedance
Rated
Voltage
(Vdc)
(mA)
Max.
DCR
(Ω)
Current
Rated
Min.
(Vdc)
Withstand
Voltage
IR
(Ω)
100
W1210F900-RB-10
90± 25%
50
0.40
200
125
10M
W1210F670-RB-10
67± 25%
100
0.30
50
250
125
10M
W1210 SERIES
b) Storage condition (component in its packaging)
a) Operating temp. : -40° C to 125° C
5. GENERAL SPECIFICATION :
i) Temperature :
-10 to 40° C
ii) Humidity : 60%


Similar Part No. - W1210F900-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W1210F900-RB-10 SUPERWORLD-W1210F900-RB-10 Datasheet
383Kb / 7P
   Common Mode Filter
More results

Similar Description - W1210F900-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W3F900-RD-10 SUPERWORLD-W3F900-RD-10 Datasheet
283Kb / 6P
   WIREWOUND TYPE COMMON MODE FILTER
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
W2012F500-RD-10 SUPERWORLD-W2012F500-RD-10 Datasheet
428Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W3NL670-RD-10 SUPERWORLD-W3NL670-RD-10 Datasheet
1Mb / 7P
   WIREWOUND TYPE Common Mode Filter
W4F300-RD-10 SUPERWORLD-W4F300-RD-10 Datasheet
371Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
   WIREWOUND COMMON MODE FILTER
NT2012F TOKO-NT2012F Datasheet
227Kb / 4P
   WIREWOUND COMMON MODE FILTER
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
   SMD Wirewound Common Mode Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com