Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK1541 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK1541
Description  20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1541 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK1541_17 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1541_17 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1541_17 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1541_17 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1541_17 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1541_17 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1541_17 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1541_17 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1541_17 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
[AK1541]
MS1043-E-05
3
2013/03
3. Block Diagram
CHARGE PUMP 2
(For Fast Lock Up)
CP
CPZ
PHASE
FREQENCY
DETECTOR
REFIN
+
-
PRESCALER
4/5,8/9,16/17
PULSE
SWALLOW
COUNTER
LOCK DETECT
RFINP
RFINN
SWIN
LD
ΔΣ
18bit
CLK
DATA
LE
REGISTER
24bit
N DIVIDER
FAST
COUNTER
13bit
LDO
R COUNTER
8bit
BIAS
CHARGE PUMP 1
Fig. 1 Block Diagram


Similar Part No. - AK1541_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
More results

Similar Description - AK1541_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1542A AKM-AK1542A Datasheet
998Kb / 37P
   20 to 600MHz Integer-N Frequency Synthesizer
AK1542A AKM-AK1542A_17 Datasheet
1Mb / 38P
   20 to 600MHz Integer-N Frequency Synthesizer
AK1543 AKM-AK1543 Datasheet
840Kb / 35P
   1300MHz Delta-Sigma FractionalSigma -N Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
MAX2150 MAXIM-MAX2150_06 Datasheet
350Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Rev 3; 3/06
logo
Peregrine Semiconductor...
PE9763 PEREGRINE-PE9763 Datasheet
290Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
List of Unclassifed Man...
PE97632 ETC1-PE97632 Datasheet
362Kb / 16P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE9763 PSEMI-PE9763 Datasheet
353Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com