Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ440 Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMCJ440
Description  Low profile package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMCJ440 Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMCJ440 Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ440 Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ440 Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ440 Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ440 Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ440 Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
SMCJ5.0 --- SMCJ440CA
1500W Surface Mount
Transient Voltage
Suppressors
Features
l
Working peak reverse voltage range – 5.0V to 440V.
l
Peak power dissipation 1500W @10 x 1000 us Pulse
l
Low profile package.
l
Excellent clamping capability.
l
Glass passivated junction.
l
Fast response time: typically less than 1 ns for Uni-direction.
Less than 5 ns for Bi-direction, from 0 Volts to BV min
l
Typical IR less than 1uA above 10V.
l
Plastic material has UL flammability classification 94V-O
l
RoHS compliant in lead-free versions
Mechanical Characteristics
CASE: Void-free, JEDEC DO-214AA Molded Plastic over glass passivated junction..
Mounting Position: Any
Polarity: by cathode band denotes uni-directional device, none cathode band denotes bi-directional device.
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Maximum Ratings And Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform (Note 1, 2, FIG.1)
PPPM
Min 1500
W
Peak Pulse Current of on 10/1000us Waveform (Note 1, FIG.3)
IPPM
See Table 1
Amps
Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on
Rated Load, (JEDEC Method) (Note 2. 3)
IFSM
200
Amps
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
2. Mounted on 5.0mm
2 (0.03mm thick) Copper Pads to each terminal.
3. 8.3 ms single half sine-wave, or equivalent square wave, Duty cycle=4 pluses per minute maximum.
WWW.SEMITECH.CN


Similar Part No. - SMCJ440

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMCJ440 LUGUANG-SMCJ440 Datasheet
334Kb / 4P
   Surface Mount TVS
logo
Formosa MS
SMCJ440 FORMOSA-SMCJ440 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
logo
Galaxy Semi-Conductor H...
SMCJ440 BILIN-SMCJ440 Datasheet
264Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR
SMCJ440 BILIN-SMCJ440 Datasheet
736Kb / 7P
   Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMCJ440 SUNMATE-SMCJ440 Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - SMCJ440

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com