Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI453232100KF Datasheet(PDF) 2 Page - Superworld Electronics

Part # WI453232100KF
Description  MOLDED WIREWOUND CHIP INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI453232100KF Datasheet(HTML) 2 Page - Superworld Electronics

  WI453232100KF Datasheet HTML 1Page - Superworld Electronics WI453232100KF Datasheet HTML 2Page - Superworld Electronics WI453232100KF Datasheet HTML 3Page - Superworld Electronics WI453232100KF Datasheet HTML 4Page - Superworld Electronics WI453232100KF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
c) Operating temp. : -40° C to +125° C
b) Ambient temp. : 100° C Max.
a) Temp. rise : 20° C Max.
WI453232 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
12.01.2015
e) Terminal strength : 1.5Kg Min.
5. GENERAL SPECIFICATION :
h) Resistance to solvent : Per MIL-STD-202F
g) Resistance to solder heat : 260° C for 10secs
f) Rated current : Current cause inductance drop within 10%
MOLDED WIREWOUND CHIP INDUCTORS
d) Storage condition (component in its packaging)
i) Temperature : -10 to 40° C
ii) Humidity : 60%


Similar Part No. - WI453232100KF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232-100F SUPERWORLD-WI453232-100F Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232-100F SUPERWORLD-WI453232-100F Datasheet
263Kb / 5P
   Wire Wound Inductor
WI453232-101F SUPERWORLD-WI453232-101F Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232-101F SUPERWORLD-WI453232-101F Datasheet
263Kb / 5P
   Wire Wound Inductor
More results

Similar Description - WI453232100KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com