Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK1223 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK1223
Description  8500MHz High Lineartity Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1223 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK1223_17 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1223_17 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1223_17 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1223_17 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1223_17 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1223_17 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1223_17 Datasheet HTML 9Page - Asahi Kasei Microsystems AK1223_17 Datasheet HTML 10Page - Asahi Kasei Microsystems AK1223_17 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
[AK1223]
MS1505-E-02
7
2014/10
10. Typical Performance
Unless otherwise noted, RF input =6000MHz, LO input =5000MHz, IF output =1000MHz,
Output Load Resistor (RLoad)=270
1.
Current Adjustment Resistor vs. IIP, NF, P1dB, Gain, IDD
0
5
10
15
20
25
30
18
23
28
33
38
43
48
53
58
63
68
R_Bias[kohm]
10
12
14
16
18
20
22
24
26
28
30
18
23
28
33
38
43
48
53
58
63
68
R_Bias[kohm]
-5
0
5
10
15
20
18
23
28
33
38
43
48
53
58
63
68
R_Bias[kohm]
-10
-8
-6
-4
-2
0
2
4
6
18
23
28
33
38
43
48
53
58
63
68
R_Bias[kohm]
10
30
50
70
90
110
130
150
18
23
28
33
38
43
48
53
58
63
68
R_Bias[kohm]
Figure 3. Current Adjustment Resistor vs. IIP3, NF, P1dB, Gain, IDD
Note ) A resistor with 5% tolerance are used.


Similar Part No. - AK1223_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
More results

Similar Description - AK1223_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221_17 Datasheet
925Kb / 27P
   3500MHz High Lineartity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
logo
Zarlink Semiconductor I...
SL6440 ZARLINK-SL6440 Datasheet
112Kb / 5P
   HIGH LEVEL MIXER
logo
Mini-Circuits
ADE-R2ASK MINI-ADE-R2ASK Datasheet
308Kb / 2P
   High Reliability Mixer
SYM-R252HW MINI-SYM-R252HW Datasheet
467Kb / 3P
   High Reliability Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Mini-Circuits
ADE-R2ASKLH MINI-ADE-R2ASKLH Datasheet
310Kb / 2P
   High Reliability Mixer
ADE-R30W++ MINI-ADE-R30W+ Datasheet
233Kb / 2P
   High Reliability Mixer
ADE-R11XLH MINI-ADE-R11XLH Datasheet
303Kb / 2P
   High Reliability Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com