Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400CNQ035 Datasheet(PDF) 3 Page - International Rectifier

Part # 400CNQ035
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

400CNQ035 Datasheet(HTML) 3 Page - International Rectifier

  400CNQ035 Datasheet HTML 1Page - International Rectifier 400CNQ035 Datasheet HTML 2Page - International Rectifier 400CNQ035 Datasheet HTML 3Page - International Rectifier 400CNQ035 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5HN02M
No.6129-3/4
0
0
1
2
0.5
3
4
5
6
7
1.0
8
9
1.5
10
2.0
2.5
総ゲート電荷量, Qg -- nC
VGS -- Qg
VDS=10V
ID=200mA
0
0
20
40
0.05
60
0.10
0.15
80
100
120
0.20
140
160
周囲温度, Ta --
°C
PD -- Ta
0
1.0
5
10
7
5
3
2
7
5
3
2
10
15
100
20
50
25
30
35
40
45
ドレイン・ソース電圧, VDS -- V
Ciss, Coss, Crss -- VDS
f=1MHz
0.01
1.0
10
0.1
23
5
7
23
1000
100
7
5
3
2
7
5
3
2
7
5
3
2
ドレイン電流, ID -- A
SW Time -- ID
VDD=25V
VGS=10V
Ciss
Coss
Crss
td(on)
td(off)
tr
tf
IT00258
IT00259
IT00260
IT00261
0.01
0.01
0.1
23
5
7
23
5
7
0.1
1.0
7
5
3
2
7
5
3
2
1.0
ドレイン電流, ID -- A
yfs -- ID
VDS=10V
0
0.01
0.6
0.8
1.0
1.2
0.2
0.4
0.1
1.0
7
5
3
2
7
5
3
2
1.4
ダイオード順電圧, VSD -- V
VGS=0
IF -- VSD
75°
C
25
°C
Ta=-
-25
°C
IT00256
IT00257


Similar Part No. - 400CNQ035

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
400CNQ035 MICROSEMI-400CNQ035 Datasheet
123Kb / 2P
   Schottky PowerMod
logo
Sangdest Microelectroni...
400CNQ035 SMC-400CNQ035 Datasheet
209Kb / 4P
   SCHOTTKY RECTIFIER
400CNQ035 SMC-400CNQ035 Datasheet
209Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
More results

Similar Description - 400CNQ035

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com