Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI1016E Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPLSI1016E
Description  In-System Programmable High Density PLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1016E Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPLSI1016E Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1016E Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1016E Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1016E Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1016E Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1016E Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1016E Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1016E Datasheet HTML 9Page - Lattice Semiconductor ISPLSI1016E Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Specifications ispLSI 1016E
Internal Timing Parameters1
tiobp
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
3. The XOR Adjacent path can only be used by Lattice hard macros.
Table 2-0036-16/125,100, 80
Inputs
UNITS
-125
MIN.
-100
MIN.
MAX.
MAX.
DESCRIPTION
#
2
PARAMETER
22 I/O Register Bypass
––
0.4
ns
tiolat
23 I/O Latch Delay
––
2.4
ns
tgrp1
29 GRP Delay, 1 GLB Load
––
1.9
ns
GLB
t1ptxor
36 1 Product Term/XOR Path Delay
––
6.1
ns
t20ptxor
37 20 Product Term/XOR Path Delay
––
6.1
ns
txoradj
38 XOR Adjacent Path Delay
––
6.6
ns
tgbp
39 GLB Register Bypass Delay
––
1.6
ns
tgsu
40 GLB Register Setup Time before Clock
0.2
ns
tgh
41 GLB Register Hold Time after Clock
2.5
ns
tgco
42 GLB Register Clock to Output Delay
––
1.9
ns
3
tgro
43 GLB Register Reset to Output Delay
––
6.3
ns
tptre
44 GLB Product Term Reset to Register Delay
––
5.1
ns
tptoe
45 GLB Product Term Output Enable to I/O Cell Delay
––
7.1
ns
tptck
46 GLB Product Term Clock Delay
4.8
5.3
ns
ORP
0.3
1.8
GRP
1.8
t4ptbpc
34 4 Product Term Bypass Path Delay (Combinatorial)
––
5.7
ns
4.4
4.4
4.4
1.0
3.9
t4ptbpr
35 4 Product Term Bypass Path Delay (Registered)
––
5.6
ns
3.9
0.2
1.5
1.8
4.4
3.5
5.5
3.2
3.5
torp
47 ORP Delay
––
1.0
ns
torpbp
48 ORP Bypass Delay
––
0.0
ns
1.0
0.0
tiosu
24 I/O Register Setup Time before Clock
3.0
3.5
ns
tioh
25 I/O Register Hold Time after Clock
-0.3
-0.4
ns
tioco
26 I/O Register Clock to Out Delay
––
5.0
ns
4.0
tior
27 I/O Register Reset to Out Delay
––
5.0
ns
4.0
tdin
28 Dedicated Input Delay
––
2.6
ns
2.2
-80
MIN. MAX.
0.6
3.6
4.5
-0.6
7.5
7.5
3.9
2.9
7.1
8.2
8.3
1.9
8.1
7.3
-0.6
4.3
2.9
7.0
7.2
9.7
6.8
7.5
1.5
0.0
tgrp16
32 GRP Delay, 16 GLB Loads
––
3.1
ns
tgrp4
30 GRP Delay, 4 GLB Loads
––
2.2
ns
2.4
1.9
tgrp8
31 GRP Delay, 8 GLB Loads
––
2.5
ns
2.1
4.7
3.3
3.8


Similar Part No. - ISPLSI1016E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
197Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
ISPLSI1016E-100LJ LATTICE-ISPLSI1016E-100LJ Datasheet
197Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E-100LJI LATTICE-ISPLSI1016E-100LJI Datasheet
197Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E-100LT44 LATTICE-ISPLSI1016E-100LT44 Datasheet
197Kb / 12P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI1016E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com