Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8S36A Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SM8S36A
Description  Excellent clamping capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SM8S36A Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SM8S36A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SM8S36A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SM8S36A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SM8S36A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM8SXXA Series
Rev. 2.0, 28-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @ Tamb 25°C
Device
Type
Reverse
Stand-
Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Reverse
Leakage
@VRMW
Maximum
Reverse
Leakage
@VRMW
TJ=175°C
Maximum
Clamping
Voltage
@IPP
Maximum
Peak Pulse
Current
@10/1000us
Waveform
(Uni)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
IR(uA)
IR(uA)
VC(V)
IPP(A)
SM8S10A
10.0
11.1
12.3
5
15
250
17.0
388
SM8S11A
11.0
12.2
13.5
5
10
150
18.2
363
SM8S12A
12.0
13.3
14.7
5
10
150
19.9
332
SM8S13A
13.0
14.4
15.9
5
10
150
21.5
307
SM8S14A
14.0
15.6
17.2
5
10
150
23.2
284
SM8S15A
15.0
16.7
18.5
5
10
150
24.4
270
SM8S16A
16.0
17.8
20.5
5
10
150
26.0
254
SM8S17A
17.0
18.9
20.9
5
10
150
27.6
239
SM8S18A
18.0
20.0
22.1
5
10
150
29.2
226
SM8S20A
20.0
22.2
24.5
5
10
150
32.4
204
SM8S22A
22.0
24.4
26.9
5
10
150
35.5
186
SM8S24A
24.0
26.7
29.5
5
10
150
38.9
170
SM8S26A
26.0
28.9
31.9
5
10
150
42.1
157
SM8S28A
28.0
31.1
34.4
5
10
150
45.4
145
SM8S30A
30.0
33.3
36.8
5
10
150
48.4
136
SM8S33A
33.0
36.7
40.6
5
10
150
53.3
124
SM8S36A
36.0
40.0
44.2
5
10
150
58.1
114
SM8S40A
40.0
44.4
49.1
5
10
150
64.5
102
SM8S43A
43.0
47.8
52.8
5
10
150
69.4
95.1
For all types maximum VF = 1.8 V at IF = 100 A measured on 8.3 ms single half-sine-wave or equivalent square
wave, duty cycle = 4 pulses per minute maximum.
I-V Curve Characteristics
Uni-directional


Similar Part No. - SM8S36A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S36A VISHAY-SM8S36A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S36A SUNMATE-SM8S36A Datasheet
201Kb / 3P
   SURFACE MOUNT Automotive transient voltage suppressors
logo
Shanghai Leiditech Elec...
SM8S36A LEIDITECH-SM8S36A Datasheet
1Mb / 6P
   6600W Transient Voltage Suppressor
logo
Vishay Siliconix
SM8S36A VISHAY-SM8S36A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
SUNMATE electronic Co.,...
SM8S36A SUNMATE-SM8S36A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SM8S36A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com