Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9-U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M9-U
Description  Compact size maximizes design flexibility
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M9-U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M9-U Datasheet HTML 1Page - List of Unclassifed Manufacturers M9-U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
www.magtechind.com   Tel: 702‐364‐9998
2.78 [70.5]
1.36 [34.5]
0.98 [25.0]
R0.06 [R1.5]
2.54 [64.5]
1.14 [28.9]
Units: IN [mm]
M9-U Series AC-Dimm
®
Product Specifications
ANZ#: Z207a, June 1, 2014
High Power Constant Current LED Driver
Total Power
9 Watts max.
Input Voltages
110 ~ 277VAC
Number of Outputs
One
 
SPECIAL FEATURES
 Compact size maximizes design flexibility.
 2.78” (L) x 1.36” (W) x 0.98” (H)
 Fully potted, suitable for dry and damp location applications
 Dimmable, compatible with Electronics Low Voltage (ELV)
Dimmer
 UL8750 Class 2 and CE compliant
 Wide selection of pre-adjusted C/C outputs
ENVIRONMENTAL
Operating temperature:
-20 to +50 º C
Storage temperature:
-40 to +85 º C
Humidity (Non-Condensing):
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 50 Hz
MTBF:
>500,000 Hours at full load and 25ºC ambient conditions
(MIL-217F)
 
SPECIFICATIONS :
Input Range : 110 ~ 277 / 0.3~0.15A /47~63Hz
Power Factor: > 0.97 at full load, 115VAC or 230VAC
DC Output Range : Refer to Model selection table
Operation Temp. : -20
℃ ~ +50℃ , Tc : 80 ℃
Efficiency : 87% Typical
Storage Temp. : -40
℃ ~ +85℃
Output Current Regulation : ±5%
MTBF(@25
℃) : >100,000 Hours, MIL-217F
Protection : OCP, SCP, OVP – Auto Recovery
Regulation Compliance: UL8750, EN61347, EN55015, EN61547
Dimming : AC Phase – trailing-edge compatible only
Dimension:
2.78” (L) x 1.36” (W) x 0.98” (H)
 
MODEL
Model Number
DC Output (Vf)
Max. Output
Model Number
DC Output (Vf)
Max. Output
M9-U12-0750
9 ~ 12 VDC
750 / 9.0
M9-U36-0250
26 ~ 36 VDC
250 / 9.0
M9-U18-0500
12 ~ 18 VDC
500 / 9.0
M9-U42-0220
33 ~ 42 VDC
220 / 9.0
M9-U24-0375
16 ~ 24 VDC
375 / 9.0
M9-U48-0190
40 ~ 52 VDC
190 / 9.0
M9-U30-0300
23 ~ 30 VDC
300 / 9.0
 
MECHANICAL SPECIFICATION : M9-UYY-ZZZZ-XP
 
Note: “‐XP” is an optional feature. When ordered with “‐XP”, the maximum height is 0.94” (24mm) 


Similar Part No. - M9-U

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
M9-0444 MARKIMICROWAVE-M9-0444 Datasheet
353Kb / 7P
   DOUBLE-BALANCED MIXERS
M9-0942 MARKIMICROWAVE-M9-0942 Datasheet
334Kb / 6P
   DOUBLE-BALANCED MIXERS
More results

Similar Description - M9-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
logo
FSP TECHNOLOGY INC.
NANO800 FSP-NANO800 Datasheet
60Kb / 1P
   Compact size with stand and mounting flexibility
NANO600 FSP-NANO600 Datasheet
60Kb / 1P
   Compact size with stand and mounting flexibility
logo
List of Unclassifed Man...
BPC-D5205-FL ETC2-BPC-D5205-FL Datasheet
268Kb / 2P
   Fanless design with compact size
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
logo
List of Unclassifed Man...
BPC-D5204-FL ETC2-BPC-D5204-FL Datasheet
330Kb / 2P
   Fanless design with compact size
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com