Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

445147--1 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 445147--1
Description  Application Tooling for Screw-Machine Contacts
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

445147--1 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 445147--1 Datasheet HTML 6Page - TE Connectivity Ltd 445147--1 Datasheet HTML 7Page - TE Connectivity Ltd 445147--1 Datasheet HTML 8Page - TE Connectivity Ltd 445147--1 Datasheet HTML 9Page - TE Connectivity Ltd 445147--1 Datasheet HTML 10Page - TE Connectivity Ltd 445147--1 Datasheet HTML 11Page - TE Connectivity Ltd 445147--1 Datasheet HTML 12Page - TE Connectivity Ltd 445147--1 Datasheet HTML 13Page - TE Connectivity Ltd 445147--1 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
408- 7516
Rev E
10
of 17
CONTACT
WIRE
TOOL
Product Line
Size
Pin
Socket
Military Spec
Size (AWG,
See Note)
Strip
Length
TOOL
SELECTOR
SETTING
204978
20
4
208268
18
6.35 [.250]
5
16
213122
16
[
]
6
16
20
4
ARINC 600
208270
18
6.35 [.250]
5
ARINC 600
16
[
]
6
208271
14
6 35 [ 250]
7
12
213123
12
6.35 [.250]
8
12
208273
14
6 35 [ 250]
7
208273
12
6.35 [.250]
8
TRIAXIAL
8
222190
222191
MIL--C--39029--95 and
TRIAXIAL8
222190
222191
MIL C 39029 95 and
MIL--C--39029--96
206496
28
3 96 [ 156]
3
206496
26
3.96 [.156]
4
206496
28
3 96 [ 156]
3
206496
26
3.96 [.156]
4
28
1
204370
MIL C 39029/58 360
26
3 96 [ 156]
2
204370
MIL--C--39029/58--360
24
3.96 [.156]
3
22D
22
4
22D
28
1
Type XVII
204351
MIL C 39029/57 354
26
3 96 [ 156]
2
Type XVII
For AMPLIMITE*
HDD C
t
204351
MIL--C--39029/57--354
24
3.96 [.156]
3
HDD Connectors
22
4
28
1
206071
26
3 96 [ 156]
2
206071
24
3.96 [.156]
3
22
4
206794
206795
28
3 96 [ 156]
5
206794
206795
26
3.96 [.156]
6
20
24
5
205089
MIL--C--39029/64--369
22
3.56 [.140]
6
20
[
]
7
Figure 3 (Cont’d)
Note:
Unless otherwise specified


Similar Part No. - 445147--1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4451 ETC1-4451 Datasheet
48Kb / 1P
   4700
logo
Omron Electronics LLC
44510-1071 OMRON-44510-1071 Datasheet
310Kb / 4P
   Dual Channel Safety Monitoring Relay
44510-1081 OMRON-44510-1081 Datasheet
310Kb / 4P
   Dual Channel Safety Monitoring Relay
44510-1091 OMRON-44510-1091 Datasheet
310Kb / 4P
   Dual Channel Safety Monitoring Relay
logo
Molex Electronics Ltd.
44516-0003 MOLEX11-44516-0003 Datasheet
71Kb / 2P
   Mini-Fit짰 BMI Receptacle Housing, 4.20mm Pitch, Dual Row, Panel Mount, Slide-and-
More results

Similar Description - 445147--1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-601967-1 MACOM-1-601967-1 Datasheet
235Kb / 17P
   Application Tooling for Screw-Machine Contacts
1-601967-5 MACOM-1-601967-5 Datasheet
235Kb / 17P
   Application Tooling for Screw-Machine Contacts
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Molex Electronics Ltd.
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
57823-5000 MOLEX11-57823-5000 Datasheet
23Kb / 1P
   Application Tooling
57824-5000 MOLEX11-57824-5000 Datasheet
24Kb / 1P
   Application Tooling
0634453210 MOLEX11-0634453210 Datasheet
29Kb / 1P
   Application Tooling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com