Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48-U48-Xz Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # Q48-U48-Xz
Description  Versatile mechanical design maximizes design flexibility
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q48-U48-Xz Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  Q48-U48-Xz Datasheet HTML 1Page - List of Unclassifed Manufacturers Q48-U48-Xz Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2 
 
www.magtechind.com   Tel: 702‐364‐9998
Units: IN [mm]
1.85 [47.0]
5.43 [138.0]
1.26 [32.0]
5.20 [132.2]
1.62 [41.3]
R0.07 [R1.8]
R0.12 [R3.0]
 
De-rating Temp. vs. Load
 
Efficiency vs. Load
 
 
 
 
 
 
 
Power Factor vs. Load
 
THD vs. Load
 
 
 
 
 
 
 
PWM Dimming Curve
 
1-10V Dimming Curve
 
 
 
 
 
 
 
MECHANICAL SPECIFICATION : Q48-UXX-CYYYY
 
-XP, plastic enclosure
-XP, metal stud-mount enclosure (Preliminary)
 
 
 
 
Units: IN [mm]
4.26 [108.3]
0.43 [11.0]
0.16 [4.0]
0.28 [7.0]
2.00 [50.8]
1.61 [40.8]
0.16 [4.0]
1.02 [26.0]
R0.20 [R5.0]
1.18 [30.0]
0.81 [20.5]
Rec 0.43x0.63
[11.0x16.0]
Rec 0.43x1.02
[11.0x26.0]
0.20 [5.0]
4.74 [120.3]
5.01 [127.3]
3.00 [76.3]


Similar Part No. - Q48-U48-Xz

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DQ3R310NKFA DELTA-Q48DQ3R310NKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NNFA DELTA-Q48DQ3R310NNFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NRFA DELTA-Q48DQ3R310NRFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310PKFA DELTA-Q48DQ3R310PKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
More results

Similar Description - Q48-U48-Xz

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
M9-U ETC2-M9-U Datasheet
243Kb / 2P
   Compact size maximizes design flexibility
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
   High flexibility Qseven v2.0 compliant design
logo
Maxim Integrated Produc...
MAXM17515 MAXIM-MAXM17515 Datasheet
2Mb / 15P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com