Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL71-R-PC(40) Datasheet(PDF) 4 Page - Hirose Electric

Part # PL71-R-PC(40)
Description  Push-on Lock Coaxial Connectors for Digital Broadcasting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PL71-R-PC(40) Datasheet(HTML) 4 Page - Hirose Electric

  PL71-R-PC(40) Datasheet HTML 1Page - Hirose Electric PL71-R-PC(40) Datasheet HTML 2Page - Hirose Electric PL71-R-PC(40) Datasheet HTML 3Page - Hirose Electric PL71-R-PC(40) Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PL71 Series
Push-on Lock Coaxial Connectors for Digital Broadcasting Applications
High Frequency Characteristics of 75
Ω Hirose product series
BNC(75) Series
100
100
100
100
BNC(75)-BPJ-1.5CV-π
BNC(75)-BPJ-1.5CV-π
BNC(75)-BPJ-1.5CV-π
PL71-LP-1.5C(40)
BNC(75)-BPJ-1.5CV-π
PL75-LP-1.5CV
BNC(75)J-H.FLJ-BPA(40)
H.FL75-2LPG-084Nπ-L
Frequency[GHz]
Frequency[GHz]
Frequency[GHz]
Frequency[GHz]
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
PL71 Series
PL75 Series
H.FL75 Series
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 11/2014. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®


Similar Part No. - PL71-R-PC(40)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PL71-R-PC HIROSE-PL71-R-PC Datasheet
1Mb / 3P
   75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
More results

Similar Description - PL71-R-PC(40)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
   SMPM Series 65GHz, push-on lock coaxial connectors
PO40G-J-119 HIROSE-PO40G-J-119 Datasheet
396Kb / 4P
   MIL Standard SMP Compatible Push-on Lock Coaxial Connectors
PL71 HIROSE-PL71 Datasheet
1Mb / 3P
   75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
logo
DDK Ltd.
MCX DDK-MCX Datasheet
567Kb / 2P
   Low Profile Push-On Coaxial Connectors
MCX-LP-1.5DHQS-CR1-1 DDK-MCX-LP-1.5DHQS-CR1-1 Datasheet
568Kb / 2P
   Low Profile Push-On Coaxial Connectors
logo
Hirose Electric
DX10LM-14SE HIROSE-DX10LM-14SE Datasheet
409Kb / 7P
   D-configuration Connectors for Digital Broadcasting Equipment
logo
Raltron Electronics Cor...
RSF-38.912-15000-9148-TR RALTRON-RSF-38.912-15000-9148-TR Datasheet
73Kb / 1P
   For Digital Audio Broadcasting
logo
Hirose Electric
HR08D HIROSE-HR08D Datasheet
497Kb / 6P
   Small, Waterproof, Push-On Bayonet Lock Connectors
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com