Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6J7.5CA Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMA6J7.5CA
Description  Glass passivated junction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMA6J7.5CA Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMA6J7.5CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J7.5CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J7.5CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J7.5CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J7.5CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMA6J Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Type Number
Marking
Reverse
Stand-
Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMA6J78A
SMA6J78CA
RT
WT
78.0
86.70
95.80
1
126.0
4.8
1
SMA6J85A
SMA6J85CA
RV
WV
85.0
94.40
104.00
1
137.0
4.4
1
SMA6J90A
SMA6J90CA
RX
WX
90.0
100.00
111.00
1
146.0
4.1
1
SMA6J100A
SMA6J100CA
RZ
WZ
100.0
111.00
123.00
1
162.0
3.7
1
SMA6J110A
SMA6J110CA
SE
XE
110.0
122.00
135.00
1
177.0
3.4
1
SMA6J120A
SMA6J120CA
SG
XG
120.0
133.00
147.00
1
193.0
3.1
1
SMA6J130A
SMA6J130CA
SK
XK
130.0
144.00
159.00
1
209.0
2.9
1
SMA6J150A
SMA6J150CA
SM
XM
150.0
167.00
185.00
1
243.0
2.5
1
SMA6J160A
SMA6J160CA
SP
XP
160.0
178.00
197.00
1
259.0
2.3
1
SMA6J170A
SMA6J170CA
SR
XR
170.0
189.00
209.00
1
275.0
2.2
1
SMA6J180A
SMA6J180CA
ST
XT
180.0
201.00
222.00
1
292.0
2.1
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.
I-V Curve Characteristics
PPPM
Peak Pulse Power Dissipation - Max power dissipation
VRWM Reverse Stand-off Voltage - Maximum voltage that can be applied to TVS without operation
VBR
Breakdown Voltage – Maximum voltage that flows though the TVS at a specified current (IT)
VC
Clamping Voltage – Peak voltage measured across the TVS at a specified IPPM (peak impulse current)
IR
Reverse Leakage Current – Current measured at VR
VF
Forward Voltage Drop for Uni-directional
Bi-directional
Uni-directional


Similar Part No. - SMA6J7.5CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA6J7.5CA SECOS-SMA6J7.5CA Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
SMA6J7.5CA SECOS-SMA6J7.5CA Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
logo
Anova Technologies CO.,...
SMA6J7.5CA ANOVA-SMA6J7.5CA Datasheet
274Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMA6J7.5CA LUGUANG-SMA6J7.5CA Datasheet
818Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Bourns Electronic Solut...
SMA6J7.5CA BOURNS-SMA6J7.5CA Datasheet
159Kb / 6P
   SMA6J Transient Voltage Suppressor Diode Series
REV. 7/21
More results

Similar Description - SMA6J7.5CA

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com