Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRMP-U.FLJ(40) Datasheet(PDF) 6 Page - Hirose Electric

Part # HRMP-U.FLJ(40)
Description  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRMP-U.FLJ(40) Datasheet(HTML) 6 Page - Hirose Electric

  HRMP-U.FLJ(40) Datasheet HTML 1Page - Hirose Electric HRMP-U.FLJ(40) Datasheet HTML 2Page - Hirose Electric HRMP-U.FLJ(40) Datasheet HTML 3Page - Hirose Electric HRMP-U.FLJ(40) Datasheet HTML 4Page - Hirose Electric HRMP-U.FLJ(40) Datasheet HTML 5Page - Hirose Electric HRMP-U.FLJ(40) Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
N.FL Series
Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Height
1. Plug
■Usage Precautions
U.FL-LP(V)-N-2
Extraction tool
N.FL-LP-040
Plug
N.FL-R-SMT-1
Receptacle
(1) Mating / unmating
(2) Pull forces on the
cable after connectors
are mated
(3) Precautions
• Unmating
Insert the end of an extraction tool into a space between a plug and receptacle, and pull up
the tool in the perpendicular to a mounting surface of a receptacle, as shown in the figure.
●Recomended the use of the extraction tool for unmating.
Any attempt of unmating by pulling on the cable may
result in damage to the mechanical / electrical performance.
• Mating
Do not attempt to insert on an extreme angle.
Do not twist connectors excessively during mating / unmating.
N.FL-LP-040
Plug
2.9N max.
N.FL-R-SMT-1
Receptacle
Do not apply any pull forces after the bending
of the cable.
2. Receptacle
(1) Recommended reflow
temperature profile
q The temperature profile indicates the board surface temperature at the point of contacts with the connector
leads.
w In individual applications the actual temperature may vary, depending on the solder paste type, volume /
thickness and board size / thickness. Consult your solder paste and equipment manufacturer for the
detailed recommendations.
Soldering iron temperature: 350°C, Soldering time: for 5 seconds max.
(2) Manual soldering
(3) Recommended metal
mask thickness
0.1 mm to 0.12 mm
(4) Reflow cycles
2 times
80
100
120
140
160
180
200
220
240
260
[ç]
Preheat
(130 to 180ç)
230ç
220ç
50 seconds max.
120 seconds max.
60 seconds max.
Time
250 ç max. for
10 seconds
(1) Operating environment
The connectors are not designed to operate in the following environments:
Exposed to a excessive amounts of fine particles and dust
Regions and places having a high density of sulfur dioxide, hydrogen sulfide, nitrogen dioxide or other corrosive
gasses.
Environments having large rapid variations in temperature.
(2) Storage conditions -
Receptacle
Store in the Hirose Electric packaging.
Temperature: -10 to +40ç, Humidity: 85% max.
Use within 6 months of delivery.
Receptacles for which the storage period has elapsed must be tested for solderability to the PC board
mounting surface.
3. Operating environment and storage conditions
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 10/2014. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®


Similar Part No. - HRMP-U.FLJ(40)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRMP-U.FLJ HIROSE-HRMP-U.FLJ Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
HRMP-U.FLJ HIROSE-HRMP-U.FLJ Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results

Similar Description - HRMP-U.FLJ(40)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
X.FL HIROSE-X.FL Datasheet
965Kb / 8P
   Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
   0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
SOURIAU-SUNBANK Connect...
8MCJS505 SOURIAU-8MCJS505 Datasheet
4Mb / 42P
   Miniature Lightweight High Density Connectors
logo
Hirose Electric
C.FL HIROSE-C.FL Datasheet
332Kb / 8P
   0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
2022.1
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com