Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMF60CA Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # MMF60CA
Description  Low profile package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

MMF60CA Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  MMF60CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd MMF60CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd MMF60CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd MMF60CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd MMF60CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMF Series
Rev. 2.0, 24-Nov.-16
WWW.SEMITECH.CN
Type
Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
Uni
Bi
Uni
Bi
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
MMF78A
MMF78CA
78A
78CA
78.0
86.70
95.80
1
126.0
1.4
1
MMF85A
MMF85CA
85A
85CA
85.0
94.40
104.00
1
137.0
1.3
1
MMF90A
MMF90CA
90A
90CA
90.0
100.00
111.00
1
146.0
1.2
1
MMF100A
MMF100CA
100
100C
100.0
111.00
123.00
1
162.0
1.1
1
MMF110A
MMF110CA
110
110C
110.0
122.00
135.00
1
177.0
1.0
1
MMF120A
MMF120CA
120
120C
120.0
133.00
147.00
1
193.0
0.9
1
MMF130A
MMF130CA
130
130C
130.0
144.00
159.00
1
209.0
0.8
1
MMF150A
MMF150CA
150
150C
150.0
167.00
185.00
1
243.0
0.7
1
MMF160A
MMF160CA
160
160C
160.0
178.00
197.00
1
259.0
0.7
1
MMF170A
MMF170CA
170
170C
170.0
189.00
209.00
1
275.0
0.6
1
MMF180A
MMF180CA
180
180C
180.0
198.00
222.00
1
292.0
0.6
1
MMF190A
MMF190CA
190
190C
190.0
209.00
233.00
1
308.0
0.5
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
I-V Curve Characteristics
PPPM
Peak Pulse Power Dissipation - Max power dissipation
VRWM Reverse Stand-off Voltage - Maximum voltage that can be applied to TVS without operation
VBR
Breakdown Voltage – Maximum voltage that flows though the TVS at a specified current (IT)
VC
Clamping Voltage – Peak voltage measured across the TVS at a specified IPPM (peak impulse current)
IR
Reverse Leakage Current – Current measured at VR
VF
Forward Voltage Drop for Uni-directional
Bi-directional
Uni-directional


Similar Part No. - MMF60CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF60CA SUNMATE-MMF60CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shanghai Semitech Semic...
MMF60CA SEMITECH-MMF60CA Datasheet
130Kb / 4P
   Glass passivated junction
logo
Zibo Seno Electronic En...
MMF60CA ZSELEC-MMF60CA Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - MMF60CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com