Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ14CA Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMDJ14CA
Description  Halogen free and RoHS compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMDJ14CA Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMDJ14CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ14CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ14CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ14CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ14CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
SMDJ Series
3000W Surface Mount
Transient Voltage Suppressors
Features
l
Peak power dissipation 3000W @10 x 1000 us Pulse
l
Low profile package.
l
Excellent clamping capability.
l
Typical IR less than 2uA when VBR above 12V.
l
Glass passivated junction.
l
Fast response time: typically less than 1.0ps from 0 Volts to BV min
l
IEC 61000-4-2 ESD 30KV(Air), 30KV(Contact)
l
ESD protection of data lines in accordance with IEC 61000-4-2
l
EFT protection of data lines in accordance with IEC 61000-4-4
l
Halogen free and RoHS compliant
l
Lead-free finish
Mechanical Characteristics
l
CASE: SMC (DO-214AB) Molded Plastic over glass passivated junction.
l
Mounting Position: Any
l
Polarity: by cathode band denotes uni-directional device, none cathode band denotes bi-directional device.
l
Terminal: Solder plated
Maximum Ratings and Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform (Note 1, 2, FIG.1)
PPPM
3000
W
Power Dissipation on Infinite Heat Sink at TL=50°C
PD
6.5
W
Peak Pulse Current of on 10/1000us Waveform (Note 1, FIG.3)
IPPM
See Table 1
A
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave (Note 2. 3)
IFSM
300
A
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
2. Mounted on 8.0x8.0mm
2 (0.03mm thick) Copper Pads to each terminal.
3. Measured on 8.3ms single half sine-wave, or equivalent square wave, for Unidirectional device only.
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
SMC
Bi-directional
Uni-directional
Cathode
Anode


Similar Part No. - SMDJ14CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMDJ14CA MDE-SMDJ14CA Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMDJ14CA TSC-SMDJ14CA Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMDJ14CA SOCAY-SMDJ14CA Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMDJ14CA LITTELFUSE-SMDJ14CA Datasheet
195Kb / 5P
   Transient Voltage Suppression Diodes
logo
Anova Technologies CO.,...
SMDJ14CA ANOVA-SMDJ14CA Datasheet
267Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMDJ14CA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com