Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA120CA Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P4SMA120CA
Description  Low profile package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P4SMA120CA Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  P4SMA120CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA120CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA120CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA120CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA120CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P4SMA Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @Tamb 25°C
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P4SMA6.8A
P4SMA6.8CA
5.80
6.45
7.14
10
10.5
39.0
1000
P4SMA7.5A
P4SMA7.5CA
6.40
7.13
7.88
10
11.3
36.3
500
P4SMA8.2A
P4SMA8.2CA
7.02
7.79
8.61
10
12.1
33.9
200
P4SMA9.1A
P4SMA9.1CA
7.78
8.65
9.55
1
13.4
30.6
50
P4SMA10A
P4SMA10CA
8.55
9.50
10.50
1
14.5
28.3
10
P4SMA11A
P4SMA11CA
9.40
10.50
11.60
1
15.6
26.3
5
P4SMA12A
P4SMA12CA
10.20
11.40
12.60
1
16.7
24.6
5
P4SMA13A
P4SMA13CA
11.10
12.40
13.70
1
18.2
22.5
1
P4SMA15A
P4SMA15CA
12.80
14.30
15.80
1
21.2
19.3
1
P4SMA16A
P4SMA16CA
13.60
15.20
16.80
1
22.5
18.2
1
P4SMA18A
P4SMA18CA
15.30
17.10
18.90
1
25.2
16.1
1
P4SMA20A
P4SMA20CA
17.10
19.00
21.00
1
27.7
14.8
1
P4SMA22A
P4SMA22CA
18.80
20.90
23.10
1
30.6
13.4
1
P4SMA24A
P4SMA24CA
20.50
22.80
25.20
1
33.2
12.3
1
P4SMA27A
P4SMA27CA
23.10
25.70
28.40
1
37.5
10.9
1
P4SMA30A
P4SMA30CA
25.60
28.50
31.50
1
41.4
9.9
1
P4SMA33A
P4SMA33CA
28.20
31.40
34.70
1
45.7
9.0
1
P4SMA36A
P4SMA36CA
30.80
34.20
37.80
1
49.9
8.2
1
P4SMA39A
P4SMA39CA
33.30
37.10
41.00
1
53.9
7.6
1
P4SMA43A
P4SMA43CA
36.80
40.90
45.20
1
59.3
6.9
1
P4SMA47A
P4SMA47CA
40.20
44.70
49.40
1
64.8
6.3
1
P4SMA51A
P4SMA51CA
43.60
48.50
53.60
1
70.1
5.8
1
P4SMA56A
P4SMA56CA
47.80
53.20
58.80
1
77.0
5.3
1
P4SMA62A
P4SMA62CA
53.00
58.90
65.10
1
85.0
4.8
1
P4SMA68A
P4SMA68CA
58.10
64.60
71.40
1
92.0
4.5
1
P4SMA75A
P4SMA75CA
64.10
71.30
78.80
1
103.0
4.0
1
P4SMA82A
P4SMA82CA
70.10
77.90
86.10
1
113.0
3.6
1
P4SMA91A
P4SMA91CA
77.80
86.50
95.50
1
125.0
3.3
1
P4SMA100A
P4SMA100CA
85.50
95.00
105.00
1
137.0
3.0
1
P4SMA110A
P4SMA110CA
94.00
105.00
116.00
1
152.0
2.7
1
P4SMA120A
P4SMA120CA
102.00
114.00
126.00
1
165.0
2.5
1
P4SMA130A
P4SMA130CA
111.00
124.00
137.00
1
179.0
2.3
1
P4SMA150A
P4SMA150CA
128.00
143.00
158.00
1
207.0
2.0
1
P4SMA160A
P4SMA160CA
136.00
152.00
168.00
1
219.0
1.9
1
P4SMA170A
P4SMA170CA
145.00
162.00
179.00
1
234.0
1.8
1
P4SMA180A
P4SMA180CA
154.00
171.00
189.00
1
246.0
1.7
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.


Similar Part No. - P4SMA120CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA120CA WTE-P4SMA120CA Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P4SMA120CA SOCAY-P4SMA120CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
P4SMA120CA TSC-P4SMA120CA Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Socay Electornics Co., ...
P4SMA120CA SOCAY-P4SMA120CA Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
P4SMA120CA LITTELFUSE-P4SMA120CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
More results

Similar Description - P4SMA120CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com