Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ48CA Datasheet(PDF) 5 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMDJ48CA
Description  Halogen free and RoHS compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMDJ48CA Datasheet(HTML) 5 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMDJ48CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ48CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ48CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ48CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ48CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMDJ Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Package Outline Dimensions and Pad Layouts
DO-214AB (SMC)
Dim
Millimeters
Inches
Min
Max
Min
Max
A
6.60
7.11
0.260
0.280
B
5.59
6.22
0.220
0.245
C
2.90
3.20
0.114
0.126
D
0.125
0.305
0.006
0.012
E
7.75
8.13
0.305
0.320
F
----
0.203
----
0.008
G
2.06
2.62
0.079
0.103
H
0.76
1.52
0.030
0.060


Similar Part No. - SMDJ48CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMDJ48CA MDE-SMDJ48CA Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMDJ48CA TSC-SMDJ48CA Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Littelfuse
SMDJ48CA LITTELFUSE-SMDJ48CA Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
SMDJ48CA LITTELFUSE-SMDJ48CA Datasheet
195Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SMDJ48CA YINT-SMDJ48CA Datasheet
1Mb / 5P
   SMDJ Transient Voltage Suppressor Diode Series
More results

Similar Description - SMDJ48CA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com