Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N.P-S.J(40) Datasheet(PDF) 4 Page - Hirose Electric

Part # N.P-S.J(40)
Description  50 ohms wide varieties standard connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N.P-S.J(40) Datasheet(HTML) 4 Page - Hirose Electric

  N.P-S.J(40) Datasheet HTML 1Page - Hirose Electric N.P-S.J(40) Datasheet HTML 2Page - Hirose Electric N.P-S.J(40) Datasheet HTML 3Page - Hirose Electric N.P-S.J(40) Datasheet HTML 4Page - Hirose Electric N.P-S.J(40) Datasheet HTML 5Page - Hirose Electric N.P-S.J(40) Datasheet HTML 6Page - Hirose Electric N.P-S.J(40) Datasheet HTML 7Page - Hirose Electric N.P-S.J(40) Datasheet HTML 8Page - Hirose Electric N.P-S.J(40) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
N Series
N type Coaxial Connectors
1
Packaging
39.7
1
Packaging
1
Packaging
16.7
28
4∞Ø3.2
HRS No.
Packaging
■Straight jack
●Flexible cable type
■Panel mount jack
●Fexible cable type
■Receptacle
34.8
5/8-24UNEF-2A
20.8
16.7
L
4∞Ø3.2
Part No.
HRS No.
N-J-3DV(40)
301-0180-5 40
Applicable cable
3D-2V
ØD
5.1
Part No.
HRS No.
UG-23D/U(40)
301-0008-3 40
Applicable cable
RG-8/U,RG-9/U
Part No.
HRS No.
UG-22D/U(40)
N-PJ-58/U(40)
301-0010-5 40
301-0011-8 40
Applicable cable
RG-8/U,RG-9/U
RG-58/U
ØD
11.1
5.4
Ød
19.0
14.6
L
39.7
41.5
S
18.24
18.2
Part No.
UG-58A/U(40)
301-0012-0 40
1
Unit : mm
Unit : mm


Similar Part No. - N.P-S.J(40)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N.P-S.J ETC2-N.P-S.J Datasheet
443Kb / 12P
   Converter adapter list
More results

Similar Description - N.P-S.J(40)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTA100 ETC-BTA100 Datasheet
525Kb / 5P
   Specially Varieties 4Q-Triacs
logo
JFW Industries, Inc.
115-007 JFW-115-007_18 Datasheet
170Kb / 1P
   50 Ohms nominal
115-456 JFW-115-456 Datasheet
182Kb / 1P
   50 Ohms Nominal
115-460 JFW-115-460 Datasheet
180Kb / 1P
   50 Ohms Nominal
115-587 JFW-115-587 Datasheet
178Kb / 1P
   50 Ohms Nominal
115-004 JFW-115-004_18 Datasheet
159Kb / 1P
   50 Ohms nominal
115-006 JFW-115-006_18 Datasheet
169Kb / 1P
   50 Ohms nominal
115-008 JFW-115-008_18 Datasheet
173Kb / 1P
   50 Ohms nominal
115-764 JFW-115-764 Datasheet
191Kb / 1P
   50 Ohms Nominal
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com