Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRM-557SV Datasheet(PDF) 1 Page - Hirose Electric

Part # HRM-557SV
Description  50 ohms wide varieties standard connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRM-557SV Datasheet(HTML) 1 Page - Hirose Electric

  HRM-557SV Datasheet HTML 1Page - Hirose Electric HRM-557SV Datasheet HTML 2Page - Hirose Electric HRM-557SV Datasheet HTML 3Page - Hirose Electric HRM-557SV Datasheet HTML 4Page - Hirose Electric HRM-557SV Datasheet HTML 5Page - Hirose Electric HRM-557SV Datasheet HTML 6Page - Hirose Electric HRM-557SV Datasheet HTML 7Page - Hirose Electric HRM-557SV Datasheet HTML 8Page - Hirose Electric HRM-557SV Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
N type Coaxial Connectors
N Series
■Functional diagram
Jacks
Straight jack for flexible cable
UG-23D/U(40)
Panel mount jack for flexible cable
N-PJ-58/U(40)
Panel mount straight receptacle
UG-58A/U(40)
Plugs
Straight plug for flexible cable
UG-21D/U(40)
Straight plug for semi-rigid cable
N-P-141(40)
Right angled plug for flexible cable
N-LP-5DW(40),N-LP-58U(40)
■Features
1. 50 ohms wide varieties standard connectors
2. Screw on locking
3. Applicable cable : RG cable, JIS cable
4. Applicable standard : MIL-C-39012/MIL STD 348-304
Conversion adapters
BNC series conversion type
M series conversion type
TNC series conversion type
SMA(HRM series) conversion type
Conversion adapters
BNC series conversion type
M series conversion type
S series conversion type
SMA(HRM series) conversion type
Cap with a chain
MX-913/U(40)
Non-reflective Terminators
N-TMP-*
2014.11
w
In-line adapters
T-type adapter
Jack-plug-jack type
UG-107B/U(40)
Right angled jack-plug type
UG-27C/U(40)
In-line adapters
Fixed attenuator
Straight plug-plug type
UG-57B/U(40)
Plug-jack type
AT-4**
In-line adapters
Straight jack-jack type
UG-29B/U(40)
Panel mount adapter
Jack-jack type
N-PA(40)
T-type adapter
Jack-jack type
UG-28A/U(40)


Similar Part No. - HRM-557SV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HRM-557S ETC2-HRM-557S Datasheet
443Kb / 12P
   Converter adapter list
More results

Similar Description - HRM-557SV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTA100 ETC-BTA100 Datasheet
525Kb / 5P
   Specially Varieties 4Q-Triacs
logo
JFW Industries, Inc.
115-007 JFW-115-007_18 Datasheet
170Kb / 1P
   50 Ohms nominal
115-456 JFW-115-456 Datasheet
182Kb / 1P
   50 Ohms Nominal
115-460 JFW-115-460 Datasheet
180Kb / 1P
   50 Ohms Nominal
115-587 JFW-115-587 Datasheet
178Kb / 1P
   50 Ohms Nominal
115-004 JFW-115-004_18 Datasheet
159Kb / 1P
   50 Ohms nominal
115-006 JFW-115-006_18 Datasheet
169Kb / 1P
   50 Ohms nominal
115-008 JFW-115-008_18 Datasheet
173Kb / 1P
   50 Ohms nominal
115-764 JFW-115-764 Datasheet
191Kb / 1P
   50 Ohms Nominal
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com