Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF76LBRW-30S-1H(55) Datasheet(PDF) 8 Page - Hirose Electric

Part # MDF76LBRW-30S-1H(55)
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76LBRW-30S-1H(55) Datasheet(HTML) 8 Page - Hirose Electric

Back Button MDF76LBRW-30S-1H(55) Datasheet HTML 4Page - Hirose Electric MDF76LBRW-30S-1H(55) Datasheet HTML 5Page - Hirose Electric MDF76LBRW-30S-1H(55) Datasheet HTML 6Page - Hirose Electric MDF76LBRW-30S-1H(55) Datasheet HTML 7Page - Hirose Electric MDF76LBRW-30S-1H(55) Datasheet HTML 8Page - Hirose Electric MDF76LBRW-30S-1H(55) Datasheet HTML 9Page - Hirose Electric MDF76LBRW-30S-1H(55) Datasheet HTML 10Page - Hirose Electric MDF76LBRW-30S-1H(55) Datasheet HTML 11Page - Hirose Electric MDF76LBRW-30S-1H(55) Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
8
A-A
Ø1.5
+0.1
0
1.95
12
2
4
A
A
0.4
2.95
A
A
Unreeling direction
Ø13
(56.5)
(1.6)
Part Number Label
Unreeling direction
sPackaging Specifications
xMDF76TW-30S-1H(55)
MDF76URW-30S-1H(55)
MDF76GW-30S-1H(55)
1.8
12
2
4
t=0.4
2.3
Ø13
(56.5)
(2)
A
A
A-A
Part Number Label
Unreeling direction
Unreeling direction
xMDF76KBW-30S-1H(55)
MDF76LBRW-30S-1H(55)
All dimensions: mm
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - MDF76LBRW-30S-1H(55)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76LBRW-30S-1H HIROSE-MDF76LBRW-30S-1H Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results

Similar Description - MDF76LBRW-30S-1H(55)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76KBW-30P-1C HIROSE-MDF76KBW-30P-1C Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
logo
TE Connectivity Ltd
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
   2.54 mm Wire-to-Board Connectors
03/22
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com