Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF6 Datasheet(PDF) 4 Page - Hirose Electric

Part # MDF6
Description  3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF6 Datasheet(HTML) 4 Page - Hirose Electric

  MDF6 Datasheet HTML 1Page - Hirose Electric MDF6 Datasheet HTML 2Page - Hirose Electric MDF6 Datasheet HTML 3Page - Hirose Electric MDF6 Datasheet HTML 4Page - Hirose Electric MDF6 Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B136
MDF6 Series
3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
Note1: A packaging quantity is delivered by the bag unit (100 pcs.). If needed,
please order the products per bag.
■Double Row Pin Header: Straight Type
Unit: mm
Part Number
CL No.
MDF6- 4DP-3.5DSA(05)
MDF6- 6DP-3.5DSA(05)
MDF6- 8DP-3.5DSA(05)
MDF6-10DP-3.5DSA(05)
MDF6-12DP-3.5DSA(05)
MDF6-14DP-3.5DSA(05)
MDF6-16DP-3.5DSA(05)
MDF6-18DP-3.5DSA(05)
MDF6-20DP-3.5DSA(05)
547-0083-2-05
547-0084-5-05
547-0085-8-05
547-0086-0-05
547-0087-3-05
547-0088-6-05
547-0089-9-05
547-0090-8-05
547-0091-0-05
4
6
8
10
12
14
16
18
20
10.5
14
17.5
21
24.5
28
31.5
35
38.5
Number of Contacts
A
3.5
7
10.5
14
17.5
21
24.5
28
31.5
Yes
B
RoHS
●Board Hole Diameter : Ø1.3
●Applicable Board Thickness : 1.6±0.2
+0.1
+0
Note1: A packaging quantity is delivered by the bag unit (100 pcs.). If needed,
please order the products per bag.
■Double Row Pin Header: Right Angle Type
Unit: mm
Part Number
CL No.
MDF6- 4DP-3.5DS(05)
MDF6- 6DP-3.5DS(05)
MDF6- 8DP-3.5DS(05)
MDF6-10DP-3.5DS(05)
547-0270-0-05
547-0271-2-05
547-0272-5-05
547-0273-8-05
4
6
8
10
10.5
14
17.5
21
Number of Contacts
A
3.5
7
10.5
14
Yes
B
RoHS
●Board Hole Diameter : Ø1.3
●Applicable Board Thickness : 1.6±0.2
+0.1
+0
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - MDF6

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF6-10DP-3.5DS HIROSE-MDF6-10DP-3.5DS Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6-10DP-3.5DSA HIROSE-MDF6-10DP-3.5DSA Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6-10DS-3.5C HIROSE-MDF6-10DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6-12DP-3.5DSA HIROSE-MDF6-12DP-3.5DSA Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6-12DS-3.5C HIROSE-MDF6-12DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
More results

Similar Description - MDF6

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26 Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF2-2P-2.5C HIROSE-DF2-2P-2.5C Datasheet
140Kb / 4P
   2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com