Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPL1048E-100LQI Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ISPL1048E-100LQI
Description  High-Density Programmable Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPL1048E-100LQI Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ISPL1048E-100LQI Datasheet HTML 4Page - Lattice Semiconductor ISPL1048E-100LQI Datasheet HTML 5Page - Lattice Semiconductor ISPL1048E-100LQI Datasheet HTML 6Page - Lattice Semiconductor ISPL1048E-100LQI Datasheet HTML 7Page - Lattice Semiconductor ISPL1048E-100LQI Datasheet HTML 8Page - Lattice Semiconductor ISPL1048E-100LQI Datasheet HTML 9Page - Lattice Semiconductor ISPL1048E-100LQI Datasheet HTML 10Page - Lattice Semiconductor ISPL1048E-100LQI Datasheet HTML 11Page - Lattice Semiconductor ISPL1048E-100LQI Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Specifications ispLSI 1048E
8
Internal Timing Parameters1
tiobp
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
3. The XOR adjacent path can only be used by hard macros.
Table 2-0036B/1048E
Inputs
UNITS
-70
MIN.
-50
MIN.
MAX.
MAX.
DESCRIPTION
#
2
PARAMETER
22 I/O Register Bypass
0.7
ns
tiolat
23 I/O Latch Delay
4.7
ns
tgrp1
29 GRP Delay, 1 GLB Load
5.1
ns
GLB
t1ptxor
36 1 Product Term/XOR Path Delay
10.5
ns
t20ptxor
37 20 Product Term/XOR Path Delay
10.5
ns
txoradj
38 XOR Adjacent Path Delay
11.7
ns
tgbp
39 GLB Register Bypass Delay
2.2
ns
tgsu
40 GLB Register Setup Time before Clock
0.0
ns
tgh
41 GLB Register Hold Time after Clock
11.5
ns
tgco
42 GLB Register Clock to Output Delay
3.0
ns
3
tgro
43 GLB Register Reset to Output Delay
7.3
ns
tptre
44 GLB Product Term Reset to Register Delay
7.9
ns
tptoe
45 GLB Product Term Output Enable to I/O Cell Delay
10.0
ns
tptck
46 GLB Product Term Clock Delay
6.9
8.3
ns
ORP
0.6
3.6
GRP
3.5
t4ptbpc
34 4 Product Term Bypass Path Delay (Combinatorial)
10.7
ns
8.4
8.4
9.4
1.6
8.5
t4ptbpr
35 4 Product Term Bypass Path Delay (Registered)
9.2
ns
7.4
0.1
8.5
2.0
6.3
6.1
6.8
5.1
6.4
torp
47 ORP Delay
2.5
ns
torpbp
48 ORP Bypass Delay
0.0
ns
2.0
0.0
tiosu
24 I/O Register Setup Time before Clock
4.1
6.5
ns
tioh
25 I/O Register Hold Time after Clock
-0.6
-0.7
ns
tioco
26 I/O Register Clock to Out Delay
7.0
ns
6.0
tior
27 I/O Register Reset to Out Delay
7.0
ns
6.0
tdin
28 Dedicated Input Delay
6.1
ns
4.3
tgrp4
30 GRP Delay, 4 GLB Loads
5.4
ns
tgrp8
31 GRP Delay, 8 GLB Loads
5.8
ns
tgrp16
32 GRP Delay, 16 GLB Loads
6.6
ns
tgrp48
33 GRP Delay, 48 GLB Loads
9.8
ns
3.7
4.1
4.8
7.5


Similar Part No. - ISPL1048E-100LQI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1016 LATTICE-ISPLSI1016 Datasheet
148Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
150Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
197Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
ISPLSI1016E-100LJ LATTICE-ISPLSI1016E-100LJ Datasheet
150Kb / 12P
   In-System Programmable High Density PLD
More results

Similar Description - ISPL1048E-100LQI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com