Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPL1048E-90LQI Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # ISPL1048E-90LQI
Description  High-Density Programmable Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPL1048E-90LQI Datasheet(HTML) 1 Page - Lattice Semiconductor

  ISPL1048E-90LQI Datasheet HTML 1Page - Lattice Semiconductor ISPL1048E-90LQI Datasheet HTML 2Page - Lattice Semiconductor ISPL1048E-90LQI Datasheet HTML 3Page - Lattice Semiconductor ISPL1048E-90LQI Datasheet HTML 4Page - Lattice Semiconductor ISPL1048E-90LQI Datasheet HTML 5Page - Lattice Semiconductor ISPL1048E-90LQI Datasheet HTML 6Page - Lattice Semiconductor ISPL1048E-90LQI Datasheet HTML 7Page - Lattice Semiconductor ISPL1048E-90LQI Datasheet HTML 8Page - Lattice Semiconductor ISPL1048E-90LQI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
ispLSI® 1048E
High-Density Programmable Logic
Functional Block Diagram
Features
• HIGH DENSITY PROGRAMMABLE LOGIC
— 8,000 PLD Gates
— 96 I/O Pins, Twelve Dedicated Inputs
— 288 Registers
— High-Speed Global Interconnects
— Wide Input Gating for Fast Counters, State
Machines, Address Decoders, etc.
— Small Logic Block Size for Random Logic
— Functionally and Pin-out Compatible to ispLSI 1048C
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
fmax = 125 MHz Maximum Operating Frequency
tpd = 7.5 ns Propagation Delay
— TTL Compatible Inputs and Outputs
— Electrically Eraseable and Reprogrammable
— Non-Volatile
— 100% Tested at Time of Manufacture
• IN-SYSTEM PROGRAMMABLE
— In-System Programmable (ISP™) 5V Only
— Increased Manufacturing Yields, Reduced Time-to-
Market and Improved Product Quality
— Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM
SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY
OF FIELD PROGRAMMABLE GATE ARRAYS
— Complete Programmable Device Can Combine Glue
Logic and Structured Designs
— Enhanced Pin Locking Capability
— Four Dedicated Clock Input Pins
— Synchronous and Asynchronous Clocks
— Programmable Output Slew Rate Control to
Minimize Switching Noise
— Flexible Pin Placement
— Optimized Global Routing Pool Provides Global
Interconnectivity
• ispLSI DEVELOPMENT TOOLS
ispVHDL™ Systems
— VHDL/Verilog-HDL/Schematic Design Options
— Functional/Timing/VHDL Simulation Options
ispDS+™ VHDL Synthesis-Optimized Logic Fitter
— Supports Leading Third-Party Design Environments
for Schematic Capture, Synthesis and Timing
Simulation
— Static Timing Analyzer
ispDS™ Software
— Lattice HDL or Boolean Logic Entry
— Functional Simulator and Waveform Viewer
ISP Daisy Chain Download Software
Output Routing Pool
Output Routing Pool
F7 F6 F5 F4 F3 F2 F1 F0
B0 B1 B2 B3 B4 B5 B6 B7
A0
A1
A2
A3
A4
A5
A6
A7
Output Routing Pool
Output Routing Pool
CLK
E7 E6 E5 E4 E3 E2 E1 E0
C0 C1 C2 C3 C4 C5 C6 C7
D7
D6
D5
D4
D3
D2
D1
D0
Logic
Array
DQ
DQ
DQ
DQ
Global Routing Pool (GRP)
GLB
0139G1A-isp
Description
The ispLSI 1048E is a High-Density Programmable Logic
Device containing 288 Registers, 96 Universal I/O pins,
12 Dedicated Input pins, four Dedicated Clock Input pins,
two dedicated Global OE input pins, and a Global Routing
Pool (GRP). The GRP provides complete interconnectivity
between all of these elements. The ispLSI 1048E fea-
tures 5V in-system programmability and in-system
diagnostic capabilities. The ispLSI 1048E offers non-
volatile reprogrammability of the logic, as well as the
interconnect to provide truly reconfigurable systems. A
functional superset of the ispLSI 1048 architecture, the
ispLSI 1048E device adds two new global output enable
pins and two additional dedicated inputs.
The basic unit of logic on the ispLSI 1048E device is the
Generic Logic Block (GLB). The GLBs are labeled A0,
A1…F7 (see Figure 1). There are a total of 48 GLBs in the
ispLSI 1048E device. Each GLB has 18 inputs, a pro-
grammable AND/OR/Exclusive OR array, and four outputs
which can be configured to be either combinatorial or
registered. Inputs to the GLB come from the GRP and
dedicated inputs. All of the GLB outputs are brought back
into the GRP so that they can be connected to the inputs
of any other GLB on the device.
1048E_08
Copyright © 1998 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
July 1998
Tel. (503) 681-0118; 1-800-LATTICE; FAX (503) 681-3037; http://www.latticesemi.com


Similar Part No. - ISPL1048E-90LQI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1016 LATTICE-ISPLSI1016 Datasheet
148Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
150Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
197Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
ISPLSI1016E-100LJ LATTICE-ISPLSI1016E-100LJ Datasheet
150Kb / 12P
   In-System Programmable High Density PLD
More results

Similar Description - ISPL1048E-90LQI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com