Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1419108-5 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2-1419108-5
Description  5kV/10mm coil-contact, reinforced insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1419108-5 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2-1419108-5 Datasheet HTML 1Page - TE Connectivity Ltd 2-1419108-5 Datasheet HTML 2Page - TE Connectivity Ltd 2-1419108-5 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
General Purpose Relays
PCB Relays
Power PCB Relay RT1 (Continued)
Product code structure
Typical product code
RT
3
1
4
024
F
Type
RT Power PCB Relay RT1
Version
1
12A, pinning 3.5mm, flux proof
2
12A, pinning 5mm, flux proof *)
3
16A, pinning 5mm, flux proof
B 12A, pinning 3.5mm, wash tight
D 16A, pinning 5mm, wash tight
Contact arrangement
1
1 form C (CO) contact
3
1 form A (NO) contact
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
F
Standard version
Product code
Version
Contacts
Contact material
Coil
Part number
RT114012F
12A, pinning 3.5mm,
1 form C (CO)
AgNi 90/10
12VDC
1419108-2
RT114024F
flux proof
contact
24VDC
1419108-3
RT134012F
1 form A (NO)
12VDC
5-1415020-1
RT134024F
contact
24VDC
2-1393242-1
RT314005F
16A, pinning 5mm,
1 form C (CO)
5VDC
1419108-8
RT314012F
flux proof
contact
12VDC
2-1393237-2
RT314024F
24VDC
2-1393237-3
RT334012F
1 form A (NO)
12VDC
2-1393237-5
RT334024F
contact
24VDC
2-1393237-7
RTB14005F
12A, pinning 3.5mm,
1 form C (CO)
5VDC
2-1419108-4
RTB14012F
wash tight
contact
12VDC
2-1419108-5
RTB14024F
24VDC
2-1419108-6
RTB34012F
1 form A (NO)
12VDC
2-1419108-7
RTD14005F
16A, pinning 3.5mm,
1 form C (CO)
5VDC
2-1419108-8
RTD14012F
wash tight
contact
12VDC
2-1419108-9
RTD14024F
24VDC
3-1419108-1
RTD34012F
1 form A (NO)
12VDC
3-1419108-6
RTD34024F
contact
24VDC
3-1419108-9
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request


Similar Part No. - 2-1419108-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419108-5 MACOM-2-1419108-5 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-5 MACOM-2-1419108-5 Datasheet
567Kb / 3P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
2-1419108-5 TEC-2-1419108-5 Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
More results

Similar Description - 2-1419108-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB-RZ TEC-PCB-RZ Datasheet
370Kb / 4P
   5kV/10mm coil-contact, reinforced insulation
RT2 TEC-RT2 Datasheet
542Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RZL TEC-RZL Datasheet
309Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RTH TEC-RTH Datasheet
283Kb / 2P
   5kV/10mm coil-contact
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
   Reinforced insulation between contact circuits
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com