Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-1393091-0 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 7-1393091-0
Description  Mechanical indicator as standard
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393091-0 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  7-1393091-0 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393091-0 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393091-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Multimode Relay MT (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
-40 to +60°C
AC coil
-40 to +50°C
Category of environmental protection
IEC 61810
RTI - dust protected
Vibration resistance (functional),
form A (NO)/form B (NC)
5/2g
Shock resistance (functional),
form A (NO)/form B (NC)
50/10g
Terminal type
plug-in
Cover retention, pull/push force
100/100N
Weight
80g
Packaging unit
25 pcs.
Accessories
For details see datasheet
Accessories Multimode Relay MT
Note: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
Insulation Data
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
2500Vrms
between adjacent contacts
2500Vrms
Clearance/creepage
between contact and coil
≥2.8/4mm
between adjacent contacts
≥2.8/4mm
Material group of insulation parts
IIIa
Terminal assignment
Bottom view on pins
Dimensions


Similar Part No. - 7-1393091-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1393099-1 MACOM-7-1393099-1 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
7-1393099-1 TEC-7-1393099-1 Datasheet
250Kb / 3P
   Octal type termination for quick installation
logo
Tyco Electronics
7-1393099-3 MACOM-7-1393099-3 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
7-1393099-3 TEC-7-1393099-3 Datasheet
250Kb / 3P
   Octal type termination for quick installation
logo
Tyco Electronics
7-1393099-6 MACOM-7-1393099-6 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
More results

Similar Description - 7-1393091-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RM-2 TEC-RM-2 Datasheet
333Kb / 4P
   Mechanical indicator
RM8 TEC-RM8 Datasheet
293Kb / 3P
   Mechanical indicator
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
   Mechanical and electrical indicator
logo
Samtec, Inc
ASP-135029-01 SAMTEC-ASP-135029-01 Datasheet
421Kb / 2P
   STANDARD PART SETUP AS ASP NOT AVAILABLE AS STANDARD.
logo
SELEC Controls Pvt. Ltd
PIC152N SELEC-PIC152N Datasheet
915Kb / 2P
   Standard Process Indicator
logo
TE Connectivity Ltd
PT270024 TEC-PT270024 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
American Electronic Com...
30C20 AEC-30C20 Datasheet
689Kb / 5P
   Arc Covers as standard
logo
Samtec, Inc
ASP-130368-01 SAMTEC-ASP-130368-01 Datasheet
386Kb / 2P
   NOT AVAILABLE AS STANDARD.
ASP-129646-01 SAMTEC-ASP-129646-01 Datasheet
173Kb / 2P
   NOT AVAILABLE AS STANDARD
logo
American Electronic Com...
HHC71C AEC-HHC71C Datasheet
556Kb / 3P
   Dust Cover as standard
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com