Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-1419111-6 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 6-1419111-6
Description  Mechanical indicator, optional LED and protection diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6-1419111-6 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  6-1419111-6 Datasheet HTML 1Page - TE Connectivity Ltd 6-1419111-6 Datasheet HTML 2Page - TE Connectivity Ltd 6-1419111-6 Datasheet HTML 3Page - TE Connectivity Ltd 6-1419111-6 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Industrial Relays
Miniature Relay PT
Contact Data (continued)
Contact ratings
Type
Contact
Load
Cycles
UL 508
PT 2
C (CO)
12A, 250VAC, general purpose, 70°C
6.000
PT 2
C (CO)
12A, 250VAC, resistive, 70°C
100x103
PT 2
A (NO) of C (CO)
12A, 250VAC, resistive, 70°C
100x103
PT 2
A (NO) of C (CO)
12A, 250VAC, resistive, 70°C
100x103
PT 3
C (CO)
10A, 250VAC, general purpose, 70°C
6.000
PT 3
C (CO)
10A, 250VAC, resistive, 70°C
100x103
PT 3
A (NO) of C (CO)
10A, 250VAC, resistive, 70°C
100x103
PT 3
B (NC) of C (CO)
10A, 250VAC, resistive, 70°C
100x103
PT 5
C (CO)
6A, 250VAC, general purpose, 70°C
6.000
PT 5
C (CO)
6A, 250VAC, resistive, 70°C
100x103
PT 5
A (NO) of C (CO)
6A, 250VAC, resistive, 70°C
100x103
PT 5
B (NC) of C (CO)
6A, 250VAC, resistive, 70°C
100x103
EN60947-4-1
PT 2
A (NO) of C (CO)
400VAC, 3.75A, AC3, opposite polarity, 70°C
PT 2
A (NO) of C (CO)
230VAC, 1.7A, AC5b (400W lamp load),
opposite polarity, 70°C
PT 3
A (NO) of C (CO)
250VAC, 2A, AC3, opposite polarity 70°C
PT 3
A (NO) of C (CO)
230VAC, 1.7A, AC5b (400W lamp load),
opposite polarity, 70°C
PT 5
A (NO) of C (CO)
250VAC, 3A, AC3, same polarity 70°C
PT 5
A (NO) of C (CO)
230VAC, 1.7A, AC5b (400W lamp load),
same polarity, 70°C
Mechanical endurance
DC coil
30x106 operations
AC coil
20x106 operations
Coil Data
Coil voltage range
6 to 220VDC
6 to 230VAC
Operative range, IEC 61810
DC coil, AC-coil 50Hz
2
AC coil 60 Hz at 70°C
90..110% of rated voltage
Coil insulation system according UL
class 155 (F)
n
2 pole 12A, 3 pole 10A or 4 pole 6A, 2, 3 or 4 form C (CO) contacts
n
DC or AC coil
n
Switching performance up to 3000VA
n
Relay height 29mm
n
Mechanical indicator, optional LED and protection diode
n
Manual test tab, optionally lockable
n
White marking tabs
Typical applications
Universal use in control and automation
Approvals
VDE Cert. No. 40009108, UL E214025, Lloyds 00/20059
Technical data of approved types on request
Contact Data
PT2
PT3
PT5
Contact arrangement
2 form C
3 form C
4 form C
2 CO
3 CO
4 CO
Rated voltage
240VAC
Max. switching voltage
400VAC
400VAC
240VAC
Rated current
12A
10A
6A
Limiting making current, max. 20ms
24A
20A
12A
Limiting breaking current
12A
10A
6A
Limiting short-time current
300A/30ms
Switching power
3000VA
2500VA
1500VA
Contact material
AgNi90/10, AgNi90/10 gold plated
Min. recommended contact load
12V at 10mA
gold plated: 20mV at 1mA
Initial voltage drop
30mV at 100mA/6VDC
Frequency of operation
with/without load
360/36000h-1
Operate time typ., DC coil
15ms
Release time typ., DC coil, without/with PD
10/18ms
Bounce time typ., DC coil, form A/form B
6/8ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
PT 2 DC/AC coil C (CO)
12A, 250VAC, cos
φ=1, 70°C
70x103
PT 2 DC/AC coil A (NO) of C (CO) 9A, 250VAC, cos
φ=1, 80°C
150x103
PT 2 DC/AC coil A (NO) of C (CO) 4A, 250VAC, cos
φ=1, 80°C
300x103
PT 3 DC/AC coil C (CO)
10A, 250VAC, cos
φ=1, 70°C 100x103
PT 5 DC/AC coil C (CO)
6A, 250VAC, cos
φ=1, 70°C
100x103
F0191-B
Z


Similar Part No. - 6-1419111-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6-1419102-0 TEC-6-1419102-0 Datasheet
736Kb / 4P
   Plastic sealed case available
6-1419102-0 TEC-6-1419102-0 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
6-1419102-3 TEC-6-1419102-3 Datasheet
736Kb / 4P
   Plastic sealed case available
6-1419102-3 TEC-6-1419102-3 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
6-1419102-4 TEC-6-1419102-4 Datasheet
736Kb / 4P
   Plastic sealed case available
More results

Similar Description - 6-1419111-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
   Mechanical and electrical indicator
RM-2 TEC-RM-2 Datasheet
333Kb / 4P
   Mechanical indicator
RM8 TEC-RM8 Datasheet
293Kb / 3P
   Mechanical indicator
logo
Balluff Korea Ltd.
BAM00NU BALLUFF-BAM00NU Datasheet
90Kb / 1P
   Mechanical Protection
0.31_2021-11-04
BAM009T BALLUFF-BAM009T Datasheet
89Kb / 1P
   Mechanical Protection
0.29_2021-04-02
BAM025U BALLUFF-BAM025U Datasheet
96Kb / 1P
   Mechanical Protection
0.41_2021-08-24
BAM009N BALLUFF-BAM009N Datasheet
88Kb / 1P
   Mechanical Protection
0.33_2021-04-01
BAM009R BALLUFF-BAM009R Datasheet
87Kb / 1P
   Mechanical Protection
0.31_2021-04-01
BAM025T BALLUFF-BAM025T Datasheet
90Kb / 1P
   Mechanical Protection
0.33_2021-06-22
BAM009P BALLUFF-BAM009P Datasheet
89Kb / 1P
   Mechanical Protection
0.29_2021-04-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com